Electronic Components Datasheet Search
  English  ▼

X  

R200 Datasheet(PDF) 44 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 44 Page - Intel Corporation

Back Button R200 Datasheet HTML 40Page - Intel Corporation R200 Datasheet HTML 41Page - Intel Corporation R200 Datasheet HTML 42Page - Intel Corporation R200 Datasheet HTML 43Page - Intel Corporation R200 Datasheet HTML 44Page - Intel Corporation R200 Datasheet HTML 45Page - Intel Corporation R200 Datasheet HTML 46Page - Intel Corporation R200 Datasheet HTML 47Page - Intel Corporation R200 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
Packaging and Labeling
44
334616-001
10
Packaging and Labeling
The 8.0 x 6.0 mm camera module label illustrated in Figure 10-1 consists of a 3.5 x
3.5 mm barcode and descriptor fields described in fields table.
Figure 10-1. Camera Module Label
Note: The scan code is encoded with the serial number, YWWFXXXXXX
Table 10-1. Scan Code Fields
Group
Field
Identifier
Description
Type
Serial Number
YWWFXXXXXX
Manufacture Date Factory Code Serial Code
Dynamic
Product Assembly
Number
939143
Material Master Number
Static
H55024-101
Product Identifier Code
Static
§ §



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com