Electronic Components Datasheet Search
  English  ▼

X  

DF69 Datasheet(PDF) 72 Page - PADAUK Technology.

Part # DF69
Description  DC Fan Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

DF69 Datasheet(HTML) 72 Page - PADAUK Technology.

Back Button DF69 Datasheet HTML 68Page - PADAUK Technology. DF69 Datasheet HTML 69Page - PADAUK Technology. DF69 Datasheet HTML 70Page - PADAUK Technology. DF69 Datasheet HTML 71Page - PADAUK Technology. DF69 Datasheet HTML 72Page - PADAUK Technology. DF69 Datasheet HTML 73Page - PADAUK Technology. DF69 Datasheet HTML 74Page - PADAUK Technology. DF69 Datasheet HTML 75Page - PADAUK Technology. DF69 Datasheet HTML 76Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 106 page
background image
DF69
DC Fan Controller
6-23. ADC Control Register (adcc), IO address = 0x20
Bit
Reset
R/W
Description
7
0
R/W
Enable ADC function. 0/1: Disable/Enable.
6
-
R/W
ADC process control bit.
Write “1” to start AD conversion, and the flag is cleared automatically when starting the
AD conversion ;
Read “1” to indicate the completion of AD conversion and “0” is in progressing.
5 – 2
0000
R/W
Channel selector. These four bits are used to select input signal for AD conversion.
0000: PB0/AD0,
0001: PB1/AD1,
0010: PB2/AD2,
0011: PB3/AD3,
0100: PB4/AD4,
0101: PB5/AD5,
0110: PB6/AD6,
0111: PB7/AD7
1000: PA3/AD8
1001: PA4/AD9
1111: Band-gap 1.20 volt reference voltage
Others: reserved
1 - 0
-
-
Reserved. Please keep 0.
6-24. ADC Mode Register (adcm), IO address = 0x21
Bit
Reset
R/W
Description
7 – 5
000
WO
Bit Resolution of ADC.
000: 8-bit, AD 8-bit result [7:0] = adcrh[7:0].
001: 9-bit, AD 9-bit result [8:0] = { adcrh[7:0], adcrl[7] }.
010: 10-bit, AD 10-bit result [9:0] = { adcrh[7:0], adcrl[7:6] }.
others: reserved,
4 – 1
000
WO
ADC clock source selection.
0000: sysclk/1,
0001: sysclk/2,
0010: sysclk/4,
0011: sysclk/8,
0100: sysclk/16,
0101: sysclk/32,
0110: sysclk/64,
0111: sysclk/128,
Others: reserved.
0
-
-
Reserved
©Copyright 2018, PADAUK Technology Co. Ltd
Page 72 of 106
PDK-DS-DF69_V003 – Apr. 18, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com