Electronic Components Datasheet Search
  English  ▼

X  

DF69 Datasheet(PDF) 32 Page - PADAUK Technology.

Part # DF69
Description  DC Fan Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

DF69 Datasheet(HTML) 32 Page - PADAUK Technology.

Back Button DF69 Datasheet HTML 28Page - PADAUK Technology. DF69 Datasheet HTML 29Page - PADAUK Technology. DF69 Datasheet HTML 30Page - PADAUK Technology. DF69 Datasheet HTML 31Page - PADAUK Technology. DF69 Datasheet HTML 32Page - PADAUK Technology. DF69 Datasheet HTML 33Page - PADAUK Technology. DF69 Datasheet HTML 34Page - PADAUK Technology. DF69 Datasheet HTML 35Page - PADAUK Technology. DF69 Datasheet HTML 36Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
DF69
DC Fan Controller
5-7-3 IHRC Frequency Calibration and System Clock
During compiling the user program, the options for IHRC calibration and system clock are shown as Table 4:
SYSCLK
CLKMD
IHRCR
Description
○ Set IHRC / 2
= 34h (IHRC / 2)
Calibrated
IHRC calibrated to 16MHz, CLK=8MHz (IHRC/2)
○ Set IHRC / 4
= 14h (IHRC / 4)
Calibrated
IHRC calibrated to 16MHz, CLK=4MHz (IHRC/4)
○ Set IHRC / 8
= 3Ch (IHRC / 8)
Calibrated
IHRC calibrated to 16MHz, CLK=2MHz (IHRC/8)
○ Set IHRC / 16
= 1Ch (IHRC / 16)
Calibrated
IHRC calibrated to 16MHz, CLK=1MHz (IHRC/16)
○ Set IHRC / 32
= 7Ch (IHRC / 32)
Calibrated
IHRC calibrated to 16MHz, CLK=0.5MHz (IHRC/32)
○ Set ILRC
= E4h (ILRC / 1)
Calibrated
IHRC calibrated to 16MHz, CLK=ILRC
○ Disable
No change
No Change
IHRC not calibrated, CLK not changed
Table 4 Options for IHRC Frequency Calibration
Usually, .ADJUST_IC will be the first
command after boot up, in order to set the target operating frequency
whenever stating the system. The program code for IHRC frequency calibration is executed only one time that
occurs in writing the codes into OTP memory; after then, it will not be executed again. If the different option for
IHRC calibration is chosen, the system status is also different after boot. The following shows the status of
DF69 for different option:
(1) .ADJUST_IC
SYSCLK=IHRC/2, IHRC=16MHz, VDD=5V, Band-gap =On
After boot up, CLKMD = 0x34:
IHRC frequency is calibrated to 16MHz@VDD=5V and IHRC module is enabled
System CLK = IHRC/2 = 8MHz
Watchdog timer is disabled, ILRC is enabled, PA5 is in input mode, BG=1.2V
(2) .ADJUST_IC
SYSCLK=IHRC/4, IHRC=16MHz, VDD=3.3V, Band-gap =On
After boot, CLKMD = 0x14:
IHRC frequency is calibrated to 16MHz@VDD=3.3V and IHRC module is enabled
System CLK = IHRC/4 = 4MHz
Watchdog timer is disabled, ILRC is enabled, PA5 is in input mode, BG=1.2V
(3) .ADJUST_IC
SYSCLK=IHRC/8, IHRC=16MHz, VDD=2.5V, Band-gap =On
After boot, CLKMD = 0x3C:
IHRC frequency is calibrated to 16MHz@VDD=2.5V and IHRC module is enabled
System CLK = IHRC/8 = 2MHz
Watchdog timer is disabled, ILRC is enabled, PA5 is in input mode, BG=1.2V
(4) .ADJUST_IC
SYSCLK=IHRC/16, IHRC=16MHz, VDD=2.2V, Band-gap =On
After boot, CLKMD = 0x1C:
IHRC frequency is calibrated to 16MHz@VDD=2.2V and IHRC module is enabled
System CLK = IHRC/16 = 1MHz
Watchdog timer is disabled, ILRC is enabled, PA5 is in input mode, BG=1.2V
©Copyright 2018, PADAUK Technology Co. Ltd
Page 32 of 106
PDK-DS-DF69_V003 – Apr. 18, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com