Electronic Components Datasheet Search
  English  ▼

X  

DF69 Datasheet(PDF) 75 Page - PADAUK Technology.

Part # DF69
Description  DC Fan Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

DF69 Datasheet(HTML) 75 Page - PADAUK Technology.

Back Button DF69 Datasheet HTML 71Page - PADAUK Technology. DF69 Datasheet HTML 72Page - PADAUK Technology. DF69 Datasheet HTML 73Page - PADAUK Technology. DF69 Datasheet HTML 74Page - PADAUK Technology. DF69 Datasheet HTML 75Page - PADAUK Technology. DF69 Datasheet HTML 76Page - PADAUK Technology. DF69 Datasheet HTML 77Page - PADAUK Technology. DF69 Datasheet HTML 78Page - PADAUK Technology. DF69 Datasheet HTML 79Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 106 page
background image
DF69
DC Fan Controller
6-32. Hall Comparator 1 Adjust Register (HC1A), IO address = 0x2b
Bit
Reset
R/W
Description
7
0
R/W
Hall comparator positive pin selection.
0: PA4
1: 1.2V Band-gap
6 – 5
00
R/W
Hall comparator negative pin selection.
00: PA0
01: PA1
10: PA2
11: 1.2V Band-gap
4 – 0
5’h00
R/W
Hall comparator 1 (HC_1) adjust bits.
6-33. Hall Comparator 2 Adjust Register (HC2A), IO address = 0x2c
Bit
Reset
R/W
Description
7 – 5
3’h00
R/W
Reversed
4 – 0
5’h00
R/W
Hall comparator 2 (HC_2) adjust bits.
6-34 PWM Generator control Register (pwmc), IO address = 0x30
Bit
Reset
R/W
Description
7
0
R/W
Enable PWM generator. 0 / 1 : disable / enable.
6
-
RO
Output of PWM generator.
5
0
R/W
Enable to inverse the polarity of PWM generator output. 0 / 1 : disable / enable.
4
0
R/W
PWM counter reset.
Writing “1” to clear PWM counter and this bit will be self clear to 0 after counter reset.
3 – 1
0
R/W
Select PWM output pin.
000: disable
010: PA6
011: PA7
100: PA2
101: PA3
110: PA4
Others: reserved
0
0
R/W
Clock source of PWM generator. 0: system clock , 1: IHRC
©Copyright 2018, PADAUK Technology Co. Ltd
Page 75 of 106
PDK-DS-DF69_V003 – Apr. 18, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com