Electronic Components Datasheet Search
  English  ▼

X  

DF69 Datasheet(PDF) 37 Page - PADAUK Technology.

Part # DF69
Description  DC Fan Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

DF69 Datasheet(HTML) 37 Page - PADAUK Technology.

Back Button DF69 Datasheet HTML 33Page - PADAUK Technology. DF69 Datasheet HTML 34Page - PADAUK Technology. DF69 Datasheet HTML 35Page - PADAUK Technology. DF69 Datasheet HTML 36Page - PADAUK Technology. DF69 Datasheet HTML 37Page - PADAUK Technology. DF69 Datasheet HTML 38Page - PADAUK Technology. DF69 Datasheet HTML 39Page - PADAUK Technology. DF69 Datasheet HTML 40Page - PADAUK Technology. DF69 Datasheet HTML 41Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 106 page
background image
DF69
DC Fan Controller
5-8. 16-bit Timer (Timer16)
DF69 provides a 16-bit hardware timer (Timer16) and its clock source may come from system clock (CLK),
external crystal oscillator (EOSC), internal high RC oscillator (IHRC), internal low RC oscillator (ILRC), PA0 or
PA4.
Before sending clock to the 16-bit counter, a pre-scaling logic with divided-by-1, 4, 16 or 64 is
selectable for wide range counting. The 16-bit counter performs up-counting operation only, the counter initial
values can be stored from data memory by issuing the stt16 instruction and the counting values can be loaded
to data memory by issuing the ldt16 instruction. The interrupt request from Timer16 will be triggered by the
selected bit which comes from bit[15:8] of this 16-bit counter, rising edge or falling edge can be optional
chosen by register integs.4. The hardware diagram of Timer16 is shown as Fig. 5-8-1.
Fig. 5-8-1 Hardware diagram of Timer16
When using the Timer16, the syntax for Timer16 has been defined in the .INC file. There are three parameters
to define the Timer16 using; 1
st parameter is used to define the clock source of Timer16, 2nd parameter is used
to define the pre-scalar and the 3
rd one is to define the interrupt source.
T16M
IO_RW
0x06
$ 7~5:
STOP, SYSCLK, X, X, PA4, IHRC, EOSC, ILRC, PA0
// 1
st par.
$ 4~3:
/1, /4, /16, /64
// 2
nd par.
$ 2~0:
BIT8, BIT9, BIT10, BIT11, BIT12, BIT13, BIT14, BIT15
// 3
rd par.
User can choose the proper parameters of T16M to meet system requirement, examples as below:
$
T16M
SYSCLK, /64, BIT15;
// choose (SYSCLK/64) as clock source, every 2^16 clock to set INTRQ.2=1
// if system clock SYSCLK = IHRC / 2 = 8 MHz
// SYSCLK/64 = 8 MHz/64 = 8 uS, about every 524 mS to generate INTRQ.2=1
$
T16M
EOSC, /1, BIT13;
// choose (EOSC/1) as clock source, every 2^14 clock cycle to generate INTRQ.2=1
// if EOSC=32768 Hz, 32768 Hz/(2^14) = 2Hz, every 0.5S to generate INTRQ.2=1
M
U
X
t16m[7:5]
CLK
IHRC
EOSC
ILRC
PA0
PA4
Pre-
scalar
÷
1, 4,
16, 64
t16m[4:3]
16-bit
up
counter
Bit[15:0]
To set
interrupt
request flag
Data Bus
stt16 command
M
U
X
t16m[2:0]
Bit[15:8]
DATA Memory
ldt16 command
or
integs.4
©Copyright 2018, PADAUK Technology Co. Ltd
Page 37 of 106
PDK-DS-DF69_V003 – Apr. 18, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com