Electronic Components Datasheet Search
  English  ▼

X  

DF69 Datasheet(PDF) 12 Page - PADAUK Technology.

Part # DF69
Description  DC Fan Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

DF69 Datasheet(HTML) 12 Page - PADAUK Technology.

Back Button DF69 Datasheet HTML 8Page - PADAUK Technology. DF69 Datasheet HTML 9Page - PADAUK Technology. DF69 Datasheet HTML 10Page - PADAUK Technology. DF69 Datasheet HTML 11Page - PADAUK Technology. DF69 Datasheet HTML 12Page - PADAUK Technology. DF69 Datasheet HTML 13Page - PADAUK Technology. DF69 Datasheet HTML 14Page - PADAUK Technology. DF69 Datasheet HTML 15Page - PADAUK Technology. DF69 Datasheet HTML 16Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 106 page
background image
DF69
DC Fan Controller
4. Device Characteristics
4-1. AC/DC Device Characteristics
Symbol
Description
Min
Typ
Max
Unit
Conditions (Ta=25℃)
VDD
Operating Voltage
3.5
4.75
5.0
5.0
5.5
5.5
V
For DC Fan application
-40
oC <Ta<85 oC
-40
oC <Ta<105 oC
VFSV
Forbidden VDD Startup voltage
Range*
0.7
1.6
V
For DC Fan application
VPDRV
VDD power down release voltage
0.7
V
For DC Fan application
TPOR
VDD power on time
(VDD from 0V to 5V)
50
ms
For DC Fan application
TFSV
VDD power on time during VFSV
range
10
ms
For DC Fan application
fSYS
System clock
IHRC
IHRC & crystal oscillator
IHRC & crystal oscillator
Internal low RC oscillator
0
0
0
24K
8M
4M
2M
Hz
VDD ≧ 3.3V
VDD ≧ 2.5V
VDD≧ 2.2V
VDD=5.0V
IOP
Operating Current
1.7
8
mA
uA
fSYS=1MIPS@5.0V
fSYS=ILRC=12KHz@3.3V
IPD
Power Down Current
(by stopsys command)
0.7
0.4
uA
uA
fSYS= 0Hz,VDD=5.0V
fSYS= 0Hz,VDD=3.3V
IPS
Power Save Current
(by stopexe command)
0.4
mA
VDD=5.0V;
Band-gap, LVD, IHRC, ILRC,
Timer16 modules are ON.
VIL
Input low voltage for IO lines
0
0.2VDD
V
VIH
Input high voltage for IO lines
0.8 VDD
VDD
V
IOL
IO lines sink current
7
10
13
mA
VDD=5.0V, VOL=0.5V
IOH
IO lines drive current
-5
-7
-9
mA
VDD=5.0V, VOH=4.5V
RPH
Pull-high Resistance
62
100
210
KΩ
VDD=5.0V
VDD=3.3V
VDD=2.2V
VLVR
Low Voltage Reset*
3.82
3.31
2.8
2.57
2.34
4.15
3.60
3.05
2.80
2.55
4.48
3.89
3.29
3.02
2.75
V
VPOR
Power-On Reset Voltage
1.8
2
2.2
V
Ta=25
oC
VBG
Band-gap Reference Voltage
(before calibration)
1.12
1.20
1.28
V
VDD=5V, 25
oC
Band-gap Reference Voltage *
(after calibration)
1.17*
1.20*
1.23*
VDD=2.2V ~ 5.5V,
-40
oC <Ta<105oC*
©Copyright 2018, PADAUK Technology Co. Ltd
Page 12 of 106
PDK-DS-DF69_V003 – Apr. 18, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com