Electronic Components Datasheet Search
  English  ▼

X  

DF69 Datasheet(PDF) 18 Page - PADAUK Technology.

Part # DF69
Description  DC Fan Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

DF69 Datasheet(HTML) 18 Page - PADAUK Technology.

Back Button DF69 Datasheet HTML 14Page - PADAUK Technology. DF69 Datasheet HTML 15Page - PADAUK Technology. DF69 Datasheet HTML 16Page - PADAUK Technology. DF69 Datasheet HTML 17Page - PADAUK Technology. DF69 Datasheet HTML 18Page - PADAUK Technology. DF69 Datasheet HTML 19Page - PADAUK Technology. DF69 Datasheet HTML 20Page - PADAUK Technology. DF69 Datasheet HTML 21Page - PADAUK Technology. DF69 Datasheet HTML 22Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 106 page
background image
DF69
DC Fan Controller
4-9. Typical Operating Current vs. VDD @CLK=4MHz EOSC/n
Conditions:
1-FPPA (code option)
ON: EOSC, MISC.6 = 1;
OFF: Band-gap, LVD, IHRC, ILRC, T16, TM2, ADC, PWM, Comparator modules;
IO: PA0:0.5Hz output toggle and no loading, others: input and no floating
EOSC(1MHz) Operating Current vs. VDD
0
1
2
3
4
5
6
7
2
2.5
3
3.5
4
4.5
5
5.5
6
VDD (V)
EOSC/1
EOSC/2
EOSC/4
EOSC/8
4-10. Typical IO pull high resistance
Rph vs. VDD
0
50
100
150
200
250
300
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD(V)
©Copyright 2018, PADAUK Technology Co. Ltd
Page 18 of 106
PDK-DS-DF69_V003 – Apr. 18, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com