Electronic Components Datasheet Search
  English  ▼

X  

DF69 Datasheet(PDF) 105 Page - PADAUK Technology.

Part # DF69
Description  DC Fan Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

DF69 Datasheet(HTML) 105 Page - PADAUK Technology.

Back Button DF69 Datasheet HTML 98Page - PADAUK Technology. DF69 Datasheet HTML 99Page - PADAUK Technology. DF69 Datasheet HTML 100Page - PADAUK Technology. DF69 Datasheet HTML 101Page - PADAUK Technology. DF69 Datasheet HTML 102Page - PADAUK Technology. DF69 Datasheet HTML 103Page - PADAUK Technology. DF69 Datasheet HTML 104Page - PADAUK Technology. DF69 Datasheet HTML 105Page - PADAUK Technology. DF69 Datasheet HTML 106Page - PADAUK Technology.  
Zoom Inzoom in Zoom Outzoom out
 105 / 106 page
background image
DF69
DC Fan Controller
9. POR for DC Fan Application
As shown in Fig 9-1, DF69 generates a good power on reset (POR) signal when VDD rises from 0V to 5V in TPOR
(max. 50ms) and rises through the voltage range of 0.7V to 1.6V in TFSV (max. 10ms).
If there are a lot of abnormal power noises in VDD power-on time period and TPOR and TFSV do not meet the
specifications, DF69 is not able to guarantee circuit initialization and may cause a malfunction.
5V
VDD
VDD Power-on Time
0V
0.7V
1.6V
TFSV
TPOR
TFSV < 10ms
TPOR < 50ms
time
Fig. 9-1
During power-off as shown in Fig 9-2 and Fig 9-3, VDD has to be discharged to VPDRV (max. is 0.7V) for the next
power-on. In case VDD is more than VPDRV, it is not recognized to do the next power-on.
5V
VDD Power-off
0V
Max. is 0.7V
time
VDD
VPDRV
5V
VDD Power-off
0V
Max. is 0.7V
time
VDD
VPDRV
Fig. 9-2
Fig. 9-3
NOTICE:
It may cause DF69 malfunction, fail or crash when power-on and power-off do not meet the specifications.
Another proper POR is needed in order to get rid of such status.
©Copyright 2018, PADAUK Technology Co. Ltd
Page 105 of 106
PDK-DS-DF69_V003 – Apr. 18, 2018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com