Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9082 Datasheet HTML 25Page - Analog Devices AD9082 Datasheet HTML 26Page - Analog Devices AD9082 Datasheet HTML 27Page - Analog Devices AD9082 Datasheet HTML 28Page - Analog Devices AD9082 Datasheet HTML 29Page - Analog Devices AD9082 Datasheet HTML 30Page - Analog Devices AD9082 Datasheet HTML 31Page - Analog Devices AD9082 Datasheet HTML 32Page - Analog Devices AD9082 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Data Sheet
AD9082
Rev. A | Page 31 of 33
100
50
55
60
65
70
75
80
85
90
95
2000
6000
5500
3500
4500
2500
4000
5000
3000
SAMPLE FREQUENCY (MHz)
CH0 HD2
CH0 HD3
CH1 HD2
CH1 HD3
Figure 65. HD2 and HD3 vs. Sample Frequency (fS), fIN = 450 MHz,
AIN = −1 dBFS, fS = 2 GSPS to 6 GSPS
85
45
50
55
60
65
70
75
80
2000
6000
5500
3500
4500
2500
4000
5000
3000
SAMPLE FREQUENCY (MHz)
CH0 SNR
CH0 SFDR
CH1 SNR
CH1 SFDR
Figure 66. SNR and SFDR vs. Sample Frequency, fIN = 450 MHz, AIN = −1 dBFS,
fS = 2 GSPS to 6 GSPS
80
30
35
40
45
50
55
60
65
70
75
–40
–20
0
20
40
60
80
100
120
DIE TEMPERATURE (°C)
CH0 SNR
CH0 SFDR
CH1 SNR
CH1 SFDR
Figure 67. SFDR and SNR vs. Die Temperature, fIN= 1.85 GHz, AIN = −1 dBFS
100
50
55
60
65
70
75
80
85
90
95
2000
6000
5500
3500
4500
2500
4000
5000
3000
SAMPLE FREQUENCY (MHz)
CH0 HD2
CH0 HD3
CH1 HD2
CH1 HD3
Figure 68. HD2 and HD3 vs. Sample Frequency, fIN = 3450 MHz, AIN = −1 dBFS,
fS = 2 GSPS to 6 GSPS
85
45
50
55
60
65
70
75
80
2000
6000
5500
3500
4500
2500
4000
5000
3000
SAMPLE FREQUENCY (MHz)
CH0 SNR
CH0 SFDR
CH1 SNR
CH1 SFDR
Figure 69. SNR and SFDR vs. Sample Frequency, fIN = 3450 MHz,
AIN = −1 dBFS, fS = 2 GSPS to 6 GSPS
250k
0
50k
150k
100k
200k
CODE
1.925 LSB RMS
Figure 70. Input Referred Noise Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com