Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9082 Datasheet HTML 21Page - Analog Devices AD9082 Datasheet HTML 22Page - Analog Devices AD9082 Datasheet HTML 23Page - Analog Devices AD9082 Datasheet HTML 24Page - Analog Devices AD9082 Datasheet HTML 25Page - Analog Devices AD9082 Datasheet HTML 26Page - Analog Devices AD9082 Datasheet HTML 27Page - Analog Devices AD9082 Datasheet HTML 28Page - Analog Devices AD9082 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Data Sheet
AD9082
Rev. A | Page 25 of 33
–80
–160
–140
–100
–150
–120
–130
–90
–110
10
100M
10k
1M
100
100k
10M
1k
FREQUENCY OFFSET (Hz)
Figure 30. Single Sideband Phase Noise vs. Frequency Offset with fDAC = 12 GSPS,
fOUT = 3 GHz, Clock PLL Disabled with External 12 GHz Clock Input Using
R&S SMA100B with B711 Option as Clock Source, Engineering Board Used
–30
–40
–100
–80
–60
–110
–90
–70
–50
CENTER 2.0125GHz
#RES BW 30kHz
SPAN 500.0MHz
SWEEP 42.87ms (1001PTS)
MKR2 265.0MHz
–0.294dB
1
2Δ1
Figure 31. Dual Band 3GPP B1 and B3 Wideband Plot for 20 MHz LTE at
fOUT = 1.88 GHz and fOUT = 2.145 GHz with fDAC = 11.796 GSPS,
Test Vector PAR = 7.7 dB with −1 dBFS Back Off (Mode 9C),
Channel Interpolation 3×, Main Interpolation 8×
–40
–100
–80
–60
–120
–110
–90
–70
–50
CENTER 1.88GHz
#RES BW 30kHz
SPAN 140MHz
SWEEP 3.862s (1001PTS)
Figure 32. Dual Band ACLR Performance for 20 MHz LTE at fOUT = 1.88 GHz
and fDAC = 11.796 GSPS, Test Vector PAR = 7.7 dB with −1 dBFS Back Off
(Mode 9C), Channel Interpolation 3×, Main Interpolation 8×
–70
–170
–160
–120
–100
–80
–140
–150
–130
–110
–90
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
fREF = 125MHz
fREF = 250MHz
fREF = 375MHz
fREF = 500MHz
fREF = 750MHz
CLOCK PLL DISABLED
Figure 33. Single Sideband Phase Noise vs. Frequency Offset for Different PLL
Reference Clock (fREF), fOUT = 1.8 GHz, fDAC = 12 GSPS, PLL Enabled with Exception of
External 12 GHz Clock Input with Clock PLL Disabled, Engineering Board Used
–40
–100
–80
–60
–120
–110
–90
–70
–50
CENTER 2.145GHz
#RES BW 30kHz
SPAN 140MHz
SWEEP 3.862s
Figure 34. Dual Band ACLR Performance for 20 MHz LTE at fOUT = 2.145 GHz
and fDAC = 11.796 GSPS, Test Vector PAR = 7.7 dB with −1 dBFS Back Off
(Mode 9C), Channel Interpolation 3×, Main Interpolation 8×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com