Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9082 Datasheet HTML 5Page - Analog Devices AD9082 Datasheet HTML 6Page - Analog Devices AD9082 Datasheet HTML 7Page - Analog Devices AD9082 Datasheet HTML 8Page - Analog Devices AD9082 Datasheet HTML 9Page - Analog Devices AD9082 Datasheet HTML 10Page - Analog Devices AD9082 Datasheet HTML 11Page - Analog Devices AD9082 Datasheet HTML 12Page - Analog Devices AD9082 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Data Sheet
AD9082
Rev. A | Page 9 of 33
CMOS PIN SPECIFICATIONS
Nominal supplies. For the minimum and maximum values, TJ = −40°C to +120°C and DVDD1P8 = 2.0 V ± 5%, and for the typical values,
TA = 25°C, unless otherwise noted.
Table 8.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUTS
SDIO, SCLK, CSB, RESETB, RXEN0, RXEN1,
TXEN0, TXEN1, SYNC0INB±, SYNC1INB±,
and GPIOx
Logic 1 Voltage
VIH
0.70 × DVDD1P8
V
Logic 0 Voltage
VIL
0.3 × DVDD1P8
V
Input Resistance
30
kΩ
OUTPUTS
SDIO, SDO, GPIOx, ADCx_FDx, SYNC0INB±,
and SYNC1INB±, 4 mA load
Logic 1 Voltage
VOH
DVDD1P8 − 0.45
V
Logic 0 Voltage
VOL
0.45
V
INTERRUPT OUTPUTS
IRQB_0 and IRQB_1, pull-up resistor of 5 kΩ
Logic 1 Voltage
VOH
1.45
V
Logic 0 Voltage
VOL
0.35
V
DAC AC SPECIFICATIONS
Nominal supplies with TA = 25°C. fIQ_DATA = 1500 MSPS. Specifications represent the average of all four DAC channels with the DAC
IOUTFS = 26 mA and ADC powered down, unless otherwise noted.
Table 9.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
Single-Tone, fDAC = 12 GSPS
−7 dBFS, shuffle enabled
Output Frequency (fOUT) = 100 MHz
−70.7
dBc
fOUT = 500 MHz
−69.2
dBc
fOUT = 900 MHz
−69.7
dBc
fOUT = 1900 MHz
−68.5
dBc
fOUT = 2600 MHz
−73.1
dBc
fOUT = 3700 MHz
−70
dBc
fOUT = 4500 MHz
−66.5
dBc
Single-Tone, fDAC = 9 GSPS
−7 dBFS, shuffle enabled
fOUT = 100 MHz
−74.4
dBc
fOUT = 500 MHz
−72.5
dBc
fOUT = 900 MHz
−72.50
dBc
fOUT = 1900 MHz
−71.0
dBc
fOUT = 2600 MHz
−71.5
dBc
fOUT = 3700 MHz
−69.1
dBc
Single-Tone, fDAC = 6 GSPS
−7 dBFS, shuffle enabled
fOUT = 100 MHz
−77
dBc
fOUT = 500 MHz
−75.8
dBc
fOUT = 900 MHz
−75.3
dBc
fOUT = 1900 MHz
−75.3
dBc
SINGLE-BAND APPLICATION, BAND 3
fDAC =9 GSPS, 500 MHz reference clock
Windowed SFDR Nonharmonics
−7 dBFS, shuffle enabled
In Band
1842.5 MHz ± 37.5 MHz pass-band region
−95.5
dBc
DPD Band
1842.5 MHz, ± 200 MHz pass-band region
−80.3
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com