Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9082 Datasheet HTML 2Page - Analog Devices AD9082 Datasheet HTML 3Page - Analog Devices AD9082 Datasheet HTML 4Page - Analog Devices AD9082 Datasheet HTML 5Page - Analog Devices AD9082 Datasheet HTML 6Page - Analog Devices AD9082 Datasheet HTML 7Page - Analog Devices AD9082 Datasheet HTML 8Page - Analog Devices AD9082 Datasheet HTML 9Page - Analog Devices AD9082 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AD9082
Data Sheet
Rev. A | Page 6 of 33
POWER CONSUMPTION
Typical at nominal supplies and maximum at 5% supplies. DAC datapath with a complex I/Q data rate frequency (fIQ_DATA) = 375 MSPS and
DAC frequency (fDAC) of 12 GSPS with interpolate by 32× with JRx mode of 16B (L = 8, M = 16). ADC datapath with fIQ_DATA = 375 MSPS and
fADC of 6 GSPS with decimate by 16× with JTx mode of 17B (L = 8, M = 16). For the minimum and maximum values, TJ = −40°C to +120°C.
For the typical values, TA = 25°C, unless otherwise noted.
See the UG-1578 user guide for further information on the JESDB or JESDC mode configurations and detailed settings referred to
throughout this data sheet.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CURRENTS
AVDD2 (IAVDD2)
2.0 V supply
190
BVDD2 (IBVDD2) + RVDD2 (IRVDD2)
2.0 V supply
292
mA
AVDD2_PLL (IAVDD2__PLL) + SVDD2_PLL (ISVDD2__PLL)
2.0 V supply
44
mA
Power Dissipation for 2 V Supplies
2.0 V supply total power dissipation
1.05
W
PLLCLKVDD1 (IPLLCLKVDD1)
1.0 V supply
43
mA
AVDD1 (IAVDD1) + DCLKVDD1(IDCLKVDD1)
1.0 V supply
1541
mA
AVDD1_ADC (IAVDD1_ADC)
1.0 V supply
1700
mA
CLKVDD1 (ICLKVDD1)
1.0 V supply
96
mA
FVDD1 (IFVDD1)
1.0 V supply
72.5
mA
VDD1_NVG (IVDD1_NVG)
1.0 V supply
290
mA
DAVDD1 (IDAVDD1)
1.0 V supply
985
mA
DVDD1 (IDVDD1)
1.0 V supply
3555
mA
DVDD1_RT (IDVDD1_RT)
1.0 V supply
461
mA
SVDD1 (ISVDD1) + SVDD1_PLL (ISVDD1_PLL)
1.0 V supply
1626
mA
Power Dissipation for 1 V Supplies
1.0 V supply total power dissipation
10.4
W
DVDD1P8 (IDVDD1P8)
1.8 V supply
6.8
mA
Total Power Dissipation
Total power dissipation of 2 and 1 V supplies
11.45
W
CLOCK INPUT AND PHASE-LOCKED LOOP (PLL) FREQUENCY SPECIFICATIONS
For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply, unless otherwise noted.
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
PLL VOLTAGE CONTROLLED OSCILLATOR (VCO) FREQUENCY RANGES
VCO Output
Divide by 1
6
12
GSPS
Divide by 2
3
6
GSPS
Divide by 4
1.5
3
GSPS
PHASE FREQUENCY DETECT INPUT FREQUENCY RANGES
25
750
MHz
CLOCK INPUTS (CLKINP, CLKINN) FREQUENCY RANGES
PLL Off
1.45
12
GHz
PLL On
M divider set to divide by 1
25
750
MHz
M divider set to divide by 2
50
1500
MHz
M divider set to divide by 3
75
2250
MHz
M divider set to divide by 4
100
3000
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com