Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9082 Datasheet HTML 8Page - Analog Devices AD9082 Datasheet HTML 9Page - Analog Devices AD9082 Datasheet HTML 10Page - Analog Devices AD9082 Datasheet HTML 11Page - Analog Devices AD9082 Datasheet HTML 12Page - Analog Devices AD9082 Datasheet HTML 13Page - Analog Devices AD9082 Datasheet HTML 14Page - Analog Devices AD9082 Datasheet HTML 15Page - Analog Devices AD9082 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
AD9082
Data Sheet
Rev. A | Page 12 of 33
ADC AC SPECIFICATIONS
Nominal supplies with TA = 25°C. Input amplitude (AIN) = −1 dBFS, full bandwidth (no decimation) with dual link JTx mode of 13C.
Specifications represent worst measured of any ADC channel with DACs powered down. See the AN-835 Application Note,
Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
Table 10.
Parameter
Min
Typ
Max
Unit
NOISE DENSITY1
−153
dBFS/Hz
NOISE FIGURE2
25.3
dB
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 253 MHz
56.7
dBFS
fIN = 450 MHz
56.9
dBFS
fIN = 900 MHz
56.2
dBFS
fIN = 1800 MHz
54.7
dBFS
fIN = 2700 MHz
52.4
dBFS
fIN = 3600 MHz
51.8
dBFS
fIN = 4500 MHz
50.4
dBFS
fIN = 5400 MHz
51.0
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION (SINAD) RATIO
fIN = 253 MHz
56.6
dBFS
fIN = 450 MHz
56.6
dBFS
fIN = 900 MHz
55.7
dBFS
fIN = 1800 MHz
53.9
dBFS
fIN = 2700 MHz
52.0
dBFS
fIN = 3600 MHz
51.3
dBFS
fIN = 4500 MHz
49.6
dBFS
fIN = 5400 MHz
48.9
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 253 MHz
9.1
Bits
fIN = 450 MHz
9.1
Bits
fIN = 900 MHz
9
Bits
fIN = 1800 MHz
8.7
Bits
fIN = 2700 MHz
8.3
Bits
fIN = 3600 MHz
8.2
Bits
fIN = 4500 MHz
7.9
Bits
fIN = 5400 MHz
7.8
Bits
WORST HD2
fIN = 253 MHz
−72.1
dBFS
fIN = 450 MHz
−68.9
dBFS
fIN = 900 MHz
−67.1
dBFS
fIN = 1800 MHz
−64.6
dBFS
fIN = 2700 MHz
−65.2
dBFS
fIN = 3600 MHz
−58.1
dBFS
fIN = 4500 MHz
−65
dBFS
fIN = 5400 MHz
−54.1
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com