Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9082 Datasheet HTML 3Page - Analog Devices AD9082 Datasheet HTML 4Page - Analog Devices AD9082 Datasheet HTML 5Page - Analog Devices AD9082 Datasheet HTML 6Page - Analog Devices AD9082 Datasheet HTML 7Page - Analog Devices AD9082 Datasheet HTML 8Page - Analog Devices AD9082 Datasheet HTML 9Page - Analog Devices AD9082 Datasheet HTML 10Page - Analog Devices AD9082 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Data Sheet
AD9082
Rev. A | Page 7 of 33
INPUT AND OUTPUT DATA RATES AND SIGNAL BANDWIDTH SPECIFICATIONS
For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply, unless otherwise noted.
Table 6.
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
DATA RATE PER INPUT CHANNEL
Channel datapaths bypassed (1× interpolation),
single DAC mode only, 16-bit resolution
(JR mode = 19C)
12,000
MSPS
Channel datapaths bypassed (1× interpolation),
dual DAC or dual ADC, 16-bit resolution
(JRxmode = 18C and JTx mode = 28C)
6000
MSPS
Channel datapaths bypassed (1× interpolation),
quad DAC mode , 12-bit resolution (JRx mode =
35C)
4000
MSPS
1 complex channel enabled, 16-bit resolution
(JRx mode = 18C and JTx mode = 19C)
6000
MSPS
2 complex channels enabled, 12-bit resolution
(JRx mode = 23C and JTx mode = 27C)
4000
MSPS
4 complex channels enabled, 12-bit resolution
(JRx mode = 24C and JTx mode = 26C)
2000
MSPS
8 complex channels enabled, 16-bit resolution
(JRx mode = 16C and JTx mode = 16C)
750
MSPS
COMPLEX SIGNAL BANDWIDTH PER CHANNEL
1 complex channel enabled (0.8 × data
frequency (fDATA))
4800
MHz
2 complex channels enabled (0.8 × fDATA)
3200
MHz
4 complex channels enabled (0.8 × fDATA)
1600
MHz
8 complex channels enabled (0.8 × fDATA)
600
MHz
MAXIMUM NUMERICALLY CONTROLLED OSCILLATOR (NCO)
CLOCK RATE
Channel NCO
1500
MHz
Main DAC NCO
12
GHz
Main ADC NCO
6
GHz
MAXIMUM NCO SHIFT FREQUENCY RANGE
Channel NCO
Channel summing node = 1.5 GHz,
channel interpolation rate > 1×
−750
+750
MHz
Main DAC NCO
fDAC = 12 GHz, main interpolation rate > 1×
−6
+6
GHz
Main ADC NCO
fADC = 6 GHz, main decimation rate > 1×
−3
+3
GHz
MAXIMUM FREQUENCY SPACING ACROSS INPUT CHANNELS
Maximum NCO output frequency × 0.8
1200
MHz
1
The values listed for these parameters are the maximum possible when considering all JESD204B modes of operation. Some modes are more limiting, based on other
parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com