Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9082 Datasheet HTML 15Page - Analog Devices AD9082 Datasheet HTML 16Page - Analog Devices AD9082 Datasheet HTML 17Page - Analog Devices AD9082 Datasheet HTML 18Page - Analog Devices AD9082 Datasheet HTML 19Page - Analog Devices AD9082 Datasheet HTML 20Page - Analog Devices AD9082 Datasheet HTML 21Page - Analog Devices AD9082 Datasheet HTML 22Page - Analog Devices AD9082 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Data Sheet
AD9082
Rev. A | Page 19 of 33
Pin No.
Mnemonic
Type
Description
D12, D11
ADC0_SMON0,
ADC0_SMON1
Output
ADC0 Signal Monitoring Outputs by Default. Do
not connect if unused.
E12, E11
ADC1_SMON0,
ADC1_SMON1
Output
ADC1 Signal Monitoring Outputs by Default. Do
not connect if unused.
F12, F11
ADC0_FD0,
ADC0_FD1
Output
ADC0 Fast Detect Outputs by Default. Do not
connect if unused.
G12, G11
ADC1_FD0,
ADC1_FD1
Output
ADC1 Fast Detect Outputs by Default. Do not
connect if unused.
P12, R12
IRQB_0, IRQB_1
Outputs
Interrupt Request 0 and 1 Outputs. These pins
are an open-drain, active low output (CMOS
levels with respect to DVDD1P8). Connect a
10 kΩ pull-up resistor to DVDD1P8 to prevent
these pins from floating when unused.
K13, L13, M11 to M13, N11 to N13,
P11, R11, T12
GPIO0 to GPIO10
Input/output
General-Purpose Input or Output Pins.
JESD204B or JESD204C COMPATIBLE SERDES
DATA LANES AND CONTROL SIGNALS2
L18, L17
SERDIN0+,
SERDIN0−
Input
JRx Lane 0 Inputs, Data True/Complement.
N18, N17
SERDIN1+,
SERDIN1−
Input
JRx Lane 1 Inputs, Data True/Complement.
R18, R17
SERDIN2+,
SERDIN2−
Input
JRx Lane 2 Inputs, Data True/Complement.
U18, U17
SERDIN3+,
SERDIN3−
Input
JRx Lane 3 Inputs, Data True/Complement.
M15, M14
SERDIN4+,
SERDIN4−
Input
JRx Lane 4 Inputs, Data True/Complement.
V15, V14
SERDIN5+,
SERDIN5−
Input
JRx Lane 5 Inputs, Data True/Complement.
T15, T14
SERDIN6+,
SERDIN6−
Input
JRx Lane 6 Inputs, Data True/Complement.
P15, P14
SERDIN7+,
SERDIN7−
Input
JRx Lane 7 Inputs, Data True/Complement.
U13, V13
SYNC0OUTB+,
SYNC0OUTB−
Output
JRx Link 0 Synchronization Outputs for
JESD204B interface. These pins are LVDS or
CMOS configurable. These pins can also
provide differential 100 Ω output impedance
in LVDS mode.
U12, V12
SYNC1OUTB+,
SYNC1OUTB−
Output
JRx Link 1 Synchronization Outputs for
JESD204B interface or CMOS Input for Transmit
Fast Frequency Hopping (FFH) via GPIOx pins.
For sync output function, these pins are LVDS
or CMOS output configurable and can provide
differential 100 Ω output impedance in LVDS
mode.
A15, A14
SERDOUT0+,
SERDOUT0−
Output
JTx Lane 0 Outputs, Data True/Complement.
C15, C14
SERDOUT1+,
SERDOUT1−
Output
JTx Lane 1 Outputs, Data True/Complement.
E15, E14
SERDOUT2+,
SERDOUT2−
Output
JTx Lane 2 Outputs, Data True/Complement.
G15, G14
SERDOUT3+,
SERDOUT3−
Output
JTx Lane 3 Outputs, Data True/Complement.
H18, H17
SERDOUT4+,
SERDOUT4−
Output
JTx Lane 4 Outputs, Data True/Complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com