Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 4 Page - Analog Devices

  AD9082 Datasheet HTML 1Page - Analog Devices AD9082 Datasheet HTML 2Page - Analog Devices AD9082 Datasheet HTML 3Page - Analog Devices AD9082 Datasheet HTML 4Page - Analog Devices AD9082 Datasheet HTML 5Page - Analog Devices AD9082 Datasheet HTML 6Page - Analog Devices AD9082 Datasheet HTML 7Page - Analog Devices AD9082 Datasheet HTML 8Page - Analog Devices AD9082 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AD9082
Data Sheet
Rev. A | Page 4 of 33
SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
Successful DAC calibration is required during the device initialization phase that occurs shortly after power-up to ensure long-term
reliability of the DAC core circuitry. Refer to UG-1578, the device user guide, for more information on device initialization.
Table 1.
Parameter
Min
Typ
Max
Unit
OPERATING JUNCTION TEMPERATURE (TJ)
120
°C
ANALOG SUPPLY VOLTAGE RANGE
AVDD2, BVDD2, RVDD2
1.9
2.0
2.1
V
AVDD1, AVDD1_ADC, CLKVDD1, FVDD1, VDD1_NVG1
0.95
1.0
1.05
V
DIGITAL SUPPLY VOLTAGE RANGE
DVDD1, DVDD1_RT, DCLKVDD1, DAVDD1
0.95
1.0
1.05
V
DVDD1P8
1.7
1.8
2.1
V
SERIALIZER/DESERIALIZER (SERDES) SUPPLY VOLTAGE RANGE
SVDD2_PLL
1.9
2.0
2.1
V
SVDD1, SVDD1_PLL
0.95
1.0
1.05
V
DC SPECIFICATIONS
Nominal supplies with DAC output full-scale current (IOUTFS) = 26 mA, unless otherwise noted. For the minimum and maximum values,
TJ = −40°C to +120°C, and for the typical values, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DAC RESOLUTION
16
Bit
ADC RESOLUTION
12
Bit
DAC ACCURACY
Gain Error
1.5
%FSR
Gain Matching
0.1
%FSR
Integral Nonlinearity (INL)
Shuffling disabled
8.0
LSB
Differential Nonlinearity (DNL)
Shuffling disabled
3.5
LSB
ADC ACCURACY
No Missing Codes
Guaranteed
Offset Error
0.57
%FSR
Offset Matching
0.26
%FSR
Gain Error
5.34
%FSR
Gain Matching
1.06
%FSR
DNL
Dithering enabled
0.32
LSB
INL
Dithering enabled
1.38
LSB
DAC ANALOG OUTPUTS
DACxP and DACxN
Full-Scale Output Current Range
AC coupling, setting resistance (RSET) = 5 kΩ
AC Coupling
Output common-mode voltage (VCM) = 0 V
7
26
40
mA
DC Coupling
VCM = 0.3 V
20
mA
Full-Scale Sinewave Output Power with
AC Coupling1
Ideal 2:1 balun interface to 50 Ω
IOUTFS = 26 mA
3.3
dBm
IOUTFS = 40 mA
7
dBm
Common-Mode Output Voltage (VCMOUT)
0
V
Differential Impedance
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com