Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9082 Datasheet HTML 24Page - Analog Devices AD9082 Datasheet HTML 25Page - Analog Devices AD9082 Datasheet HTML 26Page - Analog Devices AD9082 Datasheet HTML 27Page - Analog Devices AD9082 Datasheet HTML 28Page - Analog Devices AD9082 Datasheet HTML 29Page - Analog Devices AD9082 Datasheet HTML 30Page - Analog Devices AD9082 Datasheet HTML 31Page - Analog Devices AD9082 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
AD9082
Data Sheet
Rev. A | Page 28 of 33
0
–110
–100
–60
–40
–20
–80
–90
–70
–50
–30
–10
0
3.0
1.5
2.5
0.5
2.0
1.0
FREQUENCY (GHz)
SNR = 51.3dBFS
HD2 = 54.1dBFS
HD3 = 61.0dBFS
WORST OTHER SPUR = –70.3dBFS
Figure 47. Single-Tone FFT at fIN = 5.4 GHz
0
–110
–100
–60
–40
–20
–80
–90
–70
–50
–30
–10
0
3.0
1.5
2.5
0.5
2.0
1.0
FREQUENCY (GHz)
SNR = 50.3dBFS
HD2 = 57.0dBFS
HD3 = 61.3dBFS
WORST OTHER SPUR = –69.0dBFS
Figure 48. Single-Tone FFT at fIN = 6.3 GHz
0
–110
–100
–60
–40
–20
–80
–90
–70
–50
–30
–10
1.50
2.10
1.80
2.00
1.60
1.90
1.70
2.05
1.75
1.95
1.55
1.85
1.65
FREQUENCY (GHz)
AIN1 AND AIN2 = –7.0dBFS
IMD3L = –78.1dBFS
IMD3H = –79.0dBFS
Figure 49. Two-Tone FFT, fIN1 = 1.775 GHz, fIN2 = 1.825 GHz, and
AIN1 and AIN2 = −7 dBFS (Note That IMD3L and IMD3H Are the Lower and
Higher IMD3 Product Components in dBFS.)
93
54
60
57
63
75
81
87
69
66
72
78
84
90
62
49
55
57
59
61
53
52
51
50
54
56
58
60
–80
0
–10
–20
–30
–40
–60
–50
–70
INPUT AMPLITUDE (dBFS)
CH0 SFDR
CH1 SFDR
CH0 SNR
CH1 SNR
Figure 50. Single-Tone SFDR and SNR vs. Input Amplitude at fIN = 5.4 GHz
93
48
60
57
54
51
63
75
81
87
69
66
72
78
84
90
62
47
55
57
59
61
53
52
51
50
49
48
54
56
58
60
–80
0
–10
–20
–30
–40
–60
–50
–70
INPUT AMPLITUDE (dBFS)
CH0 SFDR
CH1 SFDR
CH0 SNR
CH1 SNR
Figure 51. Single-Tone SNR/SFDR vs. Input Amplitude at fIN = 6.3 GHz
–64
–130
–124
–106
–82
–118
–94
–70
–112
–88
–100
–76
–31
–7
–10
–22
–16
–28
–19
–13
–25
INPUT AMPLITUDE (dBFS)
CH0 IMD3L
CH0 IMD3H
CH1 IMD3L
CH1 IMD3H
Figure 52. Two-Tone IMD3 vs. Input Amplitude with
fIN1 = 1.775 GHz, fIN2 = 1.825 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com