Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9082 Datasheet HTML 25Page - Analog Devices AD9082 Datasheet HTML 26Page - Analog Devices AD9082 Datasheet HTML 27Page - Analog Devices AD9082 Datasheet HTML 28Page - Analog Devices AD9082 Datasheet HTML 29Page - Analog Devices AD9082 Datasheet HTML 30Page - Analog Devices AD9082 Datasheet HTML 31Page - Analog Devices AD9082 Datasheet HTML 32Page - Analog Devices AD9082 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
AD9082
Data Sheet
Rev. A | Page 30 of 33
57
47
48
48
50
51
52
53
54
55
56
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
CH0 CLK_PLL
CH0 DIRECT RF
CH1 CLK_PLL
CH1 DIRECT RF
Figure 59. SNR vs. Frequency with AIN =−1 dBFS Between Direct External RF
Clock = 6 GHz and PLL Clock Multiplier Enabled with Reference Input of 125 MHz
86
47
50
53
56
59
62
65
68
71
74
77
80
83
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
CH0 CLK_PLL
CH0 DIRECT RF
CH1 CLK_PLL
CH1 DIRECT RF
Figure 60. SFDR vs. Frequency with AIN = −1 dBFS Between Direct External RF
Clock = 6 GHz and PLL Clock Multiplier Enabled with Reference Input of 125 MHz
–45
–105
–99
–93
–87
–81
–75
–69
–63
–57
–51
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
ADC0 HD2
ADC0 HD3
ADC1 HD2
ADC1 HD3
Figure 61. Harmonics (HD2 and HD3) vs. Frequency with AIN = −1 dBFS
57
47
48
48
50
51
52
53
54
55
56
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
CH0 DIRECT RF, DAC OFF
CH0 DIRECT RF, DAC ON
CH0 CLK PLL, DAC OFF
CH0 CLK PLL, DAC ON
Figure 62. SNR vs. Frequency with AIN = −1 dBFS with DAC On/Off and
PLL On/Off Between Direct External RF Clock = 6 GHz and PLL Clock
Multiplier Enabled with Reference Input of 125 MHz
0
–8.0
–7.5
–4.5
–2.5
–1.5
–0.5
–6.0
–7.0
–4.0
–5.5
–6.5
–3.5
–5.0
–3.0
–2.0
–1.0
0
9
8
7
6
4
2
5
3
1
FREQUENCY (GHz)
ADC0
ADC1
Figure 63. Measured Input Bandwidth of ADC0 and ADC1 Input Using
Marki Microwave BALH-0009 on AD9082-FMCA-EBZ (No Matching Network),
De-Embedded −3 dB ADC Bandwidth Is Equal to 8 GHz
–45
–105
–99
–93
–87
–81
–75
–69
–63
–57
–51
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
ADC0 HD2
ADC0 HD3
ADC1 HD2
ADC1 HD3
Figure 64. Harmonics (HD2 and HD3) vs. Frequency with AIN = −9 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com