Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 5 Page - Analog Devices

  AD9082 Datasheet HTML 1Page - Analog Devices AD9082 Datasheet HTML 2Page - Analog Devices AD9082 Datasheet HTML 3Page - Analog Devices AD9082 Datasheet HTML 4Page - Analog Devices AD9082 Datasheet HTML 5Page - Analog Devices AD9082 Datasheet HTML 6Page - Analog Devices AD9082 Datasheet HTML 7Page - Analog Devices AD9082 Datasheet HTML 8Page - Analog Devices AD9082 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Data Sheet
AD9082
Rev. A | Page 5 of 33
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ADC ANALOG INPUTS
ADCxP and ADCxN
Differential Input Voltage
1.475
V p-p
Full-Scale Sine Wave Input Power
Input power level resulting 0 dBFS tone level on fast
Fourier transform (FFT)
4.4
dBm
Common-Mode Input Voltage (VCMIN)
AC-coupled, equal to voltage at VCMx for ADCx input
1
V
Differential Input
Resistance
100
Ω
Capacitance
0.4
pF
Return Loss
<2.7 GHz
−4.3
dB
2.7 GHz to 3.8 GHz
−3.6
dB
3.8 GHz to 5.4 GHz
−2.9
dB
CLOCK INPUTS
CLKINP and CLKINN
Differential Input Power
Direct RF Clock
0
dBm
CLK Synchronization Enabled
0
dBm
Differential Input Impedance1
100//0.3
Ω//pF
Common-Mode Voltage
AC coupled
0.5
V
ADC CLOCK OUTPUTS
ADCDRVP and ADCDRVN
Differential Output Voltage Magnitude2
1.5 GHz
740
mV p-p
2.0 GHz
690
mV p-p
3 GHz
640
mV p-p
6 GHz
490
mV p-p
Differential Output Resistance
100
Ω
Common-Mode Voltage
AC coupled
0.5
V
1
The actual measured full-scale power is frequency dependent due to DAC sinc response, impedance mismatch loss, and balun insertion loss.
2
Measured with differential 100 Ω load and less than 2 mm of printed circuit board (PCB) trace from package ball.
DAC AND ADC SAMPLING SPECIFICATIONS
Nominal supplies. For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply. For the typical values, TA
= 25°C, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
DAC UPDATE RATE1
Minimum
2.9
GSPS
Maximum
12
GSPS
ADC SAMPLE RATE1
Minimum
1.45
GSPS
Maximum
6
GSPS
Aperture Jitter2
65
fs rms
1
Pertains to the update rate of the DAC and ADC cores independent of datapath and JESD mode configuration.
2
Measured using a signal-to-noise ratio (SNR) degradation method with the DAC disabled, clock divider = 1, ADC frequency (fADC) = 6 GSPS, and input frequency (fIN) = 5.55 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com