Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9082 Datasheet HTML 23Page - Analog Devices AD9082 Datasheet HTML 24Page - Analog Devices AD9082 Datasheet HTML 25Page - Analog Devices AD9082 Datasheet HTML 26Page - Analog Devices AD9082 Datasheet HTML 27Page - Analog Devices AD9082 Datasheet HTML 28Page - Analog Devices AD9082 Datasheet HTML 29Page - Analog Devices AD9082 Datasheet HTML 30Page - Analog Devices AD9082 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Data Sheet
AD9082
Rev. A | Page 27 of 33
0
–110
–100
–60
–40
–20
–80
–90
–70
–50
–30
–10
0
3.0
1.5
2.5
0.5
2.0
1.0
FREQUENCY (GHz)
SNR = 52.7dBFS
HD2 = 65.2dBFS
HD3 = 71.3dBFS
WORST OTHER SPUR = –75.5dBFS
Figure 41. Single-Tone FFT at fIN = 2.7 GHz
0
–110
–100
–60
–40
–20
–80
–90
–70
–50
–30
–10
0
3.0
1.5
2.5
0.5
2.0
1.0
FREQUENCY (GHz)
SNR = 51.9dBFS
HD2 = 58.1dBFS
HD3 = 69.2dBFS
WORST OTHER SPUR = –73.7dBFS
Figure 42. Single-Tone FFT at fIN = 3.6 GHz
0
–110
–100
–60
–40
–20
–80
–90
–70
–50
–30
–10
0
3.0
1.5
2.5
0.5
2.0
1.0
FREQUENCY (GHz)
SNR = 50.8dBFS
HD2 = 70.5dBFS
HD3 = 64.2dBFS
WORST OTHER SPUR =
–74.0dBFS
Figure 43. Single-Tone FFT at fIN = 4.5 GHz
93
60
63
75
81
87
69
66
72
78
84
90
62
51
55
57
59
61
53
52
54
56
58
60
–80
0
–10
–20
–30
–40
–60
–50
–70
INPUT AMPLITUDE (dBFS)
CH0 SFDR
CH1 SFDR
CH0 SNR
CH1 SNR
Figure 44. Single-Tone SFDR and SNR vs. Input Amplitude at fIN = 2.7 GHz
93
54
60
57
63
75
81
87
69
66
72
78
84
90
62
49
55
57
59
61
53
52
51
50
54
56
58
60
–80
0
–10
–20
–30
–40
–60
–50
–70
INPUT AMPLITUDE (dBFS)
CH0 SFDR
CH1 SFDR
CH0 SNR
CH1 SNR
Figure 45. Single-Tone SFDR and SNR vs. Input Amplitude at fIN = 3.6 GHz
93
54
60
57
63
75
81
87
69
66
72
78
84
90
62
49
55
57
59
61
53
52
51
50
54
56
58
60
–80
0
–10
–20
–30
–40
–60
–50
–70
INPUT AMPLITUDE (dBFS)
CH0 SFDR
CH1 SFDR
CH0 SNR
CH1 SNR
Figure 46. Single-Tone SFDR and SNR vs. Input Amplitude at fIN = 4.5 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com