Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9082 Datasheet HTML 11Page - Analog Devices AD9082 Datasheet HTML 12Page - Analog Devices AD9082 Datasheet HTML 13Page - Analog Devices AD9082 Datasheet HTML 14Page - Analog Devices AD9082 Datasheet HTML 15Page - Analog Devices AD9082 Datasheet HTML 16Page - Analog Devices AD9082 Datasheet HTML 17Page - Analog Devices AD9082 Datasheet HTML 18Page - Analog Devices AD9082 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Data Sheet
AD9082
Rev. A | Page 15 of 33
ABSOLUTE MAXIMUM RATINGS
Table 12.
Parameter
Rating
ISET, DACxP, DACxN, TDP, TDN
−0.3 V to AVDD2 + 0.3 V
VCO_COARSE, VCO_FINE,
VCO_VCM, VCO_VREG
−0.3 V to AVDD2_PLL + 0.3 V
ADC0P, ADC0N, ADC1P, ADC1N
−0.3 V to BVDD2 + 0.3 V
VCM0, VCM1
−0.3 V to RVDD2 + 0.3 V
CLKINP, CLKINN
−0.2 V to PLLCLKVDD1 + 0.2 V
ADCDRVN, ADCDRVP
−0.2 V to CLKVDD1 + 0.2 V
SERDINx±, SERDOUTx±
−0.2 V to SVDD1 + 0.2 V
SYSREFP, SYSREFN, and
SYNCxINB±
−0.2 V to +2.5 V
SYNCxOUTB±, SYNCxINB±,
RESETB, TXENx, RXENx, IRQB_x,
CSB, SCLK, SDIO, SDO,
TMU_REFN, TMU_REFP,
ADCx_SMON0, ADCx_SMON1,
ADCx_FD0, ADCx_FD1, GPIOx
−0.3 V to DVDD1P8 + 0.3 V
AVDD2, AVDD2_PLL, BVDD2,
RVDD2, SVDD2_PLL, DVDD1P8
−0.3 V to +2.2 V
PLLCLKVDD1, AVDD1,
AVDD1_ADC, CLKVDD1,
FVDD1, DAVDD1, DVDD1_RT,
DCLKVDD1, SVDD1
−0.2 V to +1.2 V
VNN1
−1.1 V to +0.2 V
Temperature
Junction (TJ)1
125°C
Storage Range
−40°C to +150°C
1
Do not exceed this temperature for any duration of time when the device is
powered.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
REFLOW PROFILE
The AD9082 reflow profile is in accordance with the JEDEC
JESD 20 criteria for Pb-free devices. The maximum reflow
temperature is 260°C.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and
operating environment. The use of appropriate thermal
management techniques is recommended to ensure that the
maximum TJ does not exceed the limits shown in Table 12.
θJA is the natural convection, junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure.
θJC_TOP is the junction to case, thermal resistance.
θJB is the junction to board, thermal resistance.
Table 13. Simulated Thermal Resistance1
PCB Type
Airflow Velocity
(m/sec)
θJA
θJC_TOP
θJB
Unit
JEDEC 2s2p
Board
0.0
14.9
0.70
1.8
°C/W
1
Thermal resistance values specified are simulated based on JEDEC specifications
in compliance with JESD51-12 with the device power equal to 9 W.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com