Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9082 Datasheet HTML 19Page - Analog Devices AD9082 Datasheet HTML 20Page - Analog Devices AD9082 Datasheet HTML 21Page - Analog Devices AD9082 Datasheet HTML 22Page - Analog Devices AD9082 Datasheet HTML 23Page - Analog Devices AD9082 Datasheet HTML 24Page - Analog Devices AD9082 Datasheet HTML 25Page - Analog Devices AD9082 Datasheet HTML 26Page - Analog Devices AD9082 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Data Sheet
AD9082
Rev. A | Page 23 of 33
–50
–100
–95
–85
–75
–65
–55
–90
–80
–70
–60
0
3000
2500
2000
1500
1000
500
fOUT (MHz)
–6dBFS
–13dBFS
–18dBFS
–23dBFS
Figure 18. IMD3 vs. fOUT over Digital Scale (Mode 17B), 6 GSPS DAC
Sample Rate, Channel Interpolation 1×, Main Interpolation 4×
–50
–100
–95
–85
–75
–65
–55
–90
–80
–70
–60
0
6000
5000
4000
3000
2000
1000
fOUT (MHz)
–6dBFS
–13dBFS
–18dBFS
–23dBFS
Figure 19. IMD3 vs. fOUT over Digital Scale (Mode 16B),
12 GHz DAC Sample Rate, Channel Interpolation 4×, Main Interpolation 8×
–50
–100
–95
–85
–75
–65
–55
–90
–80
–70
–60
0
6000
5000
4000
3000
2000
1000
fOUT (MHz)
fDAC = 11796.48MSPS
fDAC = 8847.36MSPS
fDAC = 5898.24MSPS
fDAC = 2949.12MSPS
Figure 20. IMD3 vs. fOUT over fDAC (Mode 17B), 1 MHz Tone Spacing with
−12 dBFS/Tone Level
0
–100
–90
–50
–10
–70
–30
–60
–20
–80
–40
0
7000
6000
4000
2000
5000
3000
1000
fOUT (MHz)
–6dBFS
–13dBFS
–18dBFS
–23dBFS
Figure 21. IMD3 vs. fOUT over Digital Scale (Mode 17B), 9 GSPS DAC Sample
Rate, Channel Interpolation 1×, Main Interpolation 6×, 1 MHz Tone Spacing
–50
–100
–95
–85
–75
–65
–55
–90
–80
–70
–60
0
6000
5000
4000
3000
2000
1000
fOUT (MHz)
–6dBFS
–13dBFS
–18dBFS
–23dBFS
Figure 22. IMD3 vs. fOUT over Digital Scale (Mode 17B),
12 GSPS DAC Sample Rate, Channel Interpolation 1×, Main Interpolation 8×
–50
–80
–77
–71
–65
–59
–53
–74
–68
–62
–56
0
6000
5000
4000
3000
2000
1000
fOUT (MHz)
fDAC = 11796.48MSPS
fDAC = 9830.4MSPS
fDAC = 5898.24MSPS
fDAC = 2949.24MSPS
Figure 23. Worst Harmonic In-Band vs. fOUT Across fDAC with 0 dBFS Tone Level
(Mode 17B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com