Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9082 Datasheet HTML 14Page - Analog Devices AD9082 Datasheet HTML 15Page - Analog Devices AD9082 Datasheet HTML 16Page - Analog Devices AD9082 Datasheet HTML 17Page - Analog Devices AD9082 Datasheet HTML 18Page - Analog Devices AD9082 Datasheet HTML 19Page - Analog Devices AD9082 Datasheet HTML 20Page - Analog Devices AD9082 Datasheet HTML 21Page - Analog Devices AD9082 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
AD9082
Data Sheet
Rev. A | Page 18 of 33
Pin No.
Mnemonic
Type
Description
ANALOG OUTPUTS
B1, C1
DAC0P, DAC0N
Output
DAC0 Output Currents, Ground Referenced.
G1, F1
DAC1P, DAC1N
Output
DAC1 Output Currents, Ground Referenced.
M1, N1
DAC2P, DAC2N
Output
DAC2 Output Currents, Ground Referenced.
U1, T1
DAC3P, DAC3N
Output
DAC3 Output Currents, Ground Referenced.
H3
ISET
Output
DAC Bias Current Setting Pin. Connect this pin
with a 5 kΩ resistor to GND.
C4, C3
ADCDRVP,
ADCDRVN
Output
ADC Clock Output Options. These pins are
disabled by default.
B8, U8
VCM0, VCM1
Output
ADC Buffer Common-Mode Output Voltage.
Decouple this pin to GND with a 0.1 μF capacitor.
K3
VCO_VREG
Output
PLL LDO Regulator Output. Decouple this pin to
GND with a 2.2 μF capacitor.
G9
TMU_REFN
Output
TMU ADC Negative Reference. Connect this pin
to GND.
G10
TMU_REFP
Output
TMU ADC Positive Reference. Connect this pin
to DVDD1P8.
ANALOG INPUTS
A10, A9
ADC0P, ADC0N
Input
ADC0 Differential Inputs with Internal 100 Ω
Differential Resistor.
V10, V9
ADC1P, ADC1N
Input
ADC1 Differential Inputs with Internal 100 Ω
Differential Resistor.
J3
VCO_FINE
Input
On-Chip Clock Multiplier and PLL Fine Loop
Filter Input.
J4
VCO_COARSE
Input
On-Chip DAC Clock Multiplier and PLL Coarse
Loop Filter Input.
K4
VCO_VCM
Input
On-Chip Clock Multiplier and VCO Common-
Mode Input.
N9, N10
TDP, TDN
Input
Anode and Cathode of Temperature Diodes.
This feature is not supported. Tie TDP and TDN
to GND.
J1, K1
CLKINP, CLKINN
Input
Differential Clock Inputs with Nominal 100 Ω
Termination. Self bias input requiring ac
coupling. When the on-chip clock multiplier PLL
is enabled, this input is the reference clock
input. If the PLL is disabled, an RF clock equal to
the DAC output sample rate is required.
CMOS INPUTS AND OUTPUTS1
G13
CSB
Input
Serial Port Enable Input. Active low.
H13
SCLK
Input
Serial Plot Clock Input.
F13
SDIO
Input/output
Serial Port Bidirectional Data Input/Output.
J13
SDO
Output
Serial Port Data Output.
C12
RESETB
Input
Active Low Reset Input. RESETB places digital
logic and SPI registers in a known default state.
RESETB must be connected to a digital IC that is
capable of issuing a reset signal for the first step
in the device initialization process.
E13, D13
RXEN0, RXEN1
Input
Active High ADC and Receive Datapath Enable
Inputs. RXENx is also SPI configurable.
P13, R13
TXEN0, TXEN1
Input
Active High DAC and Transmit Datapath Enable
Inputs. TXENx is also SPI configurable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com