Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9082 Datasheet HTML 4Page - Analog Devices AD9082 Datasheet HTML 5Page - Analog Devices AD9082 Datasheet HTML 6Page - Analog Devices AD9082 Datasheet HTML 7Page - Analog Devices AD9082 Datasheet HTML 8Page - Analog Devices AD9082 Datasheet HTML 9Page - Analog Devices AD9082 Datasheet HTML 10Page - Analog Devices AD9082 Datasheet HTML 11Page - Analog Devices AD9082 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
AD9082
Data Sheet
Rev. A | Page 8 of 33
JESD204B AND JESD204C INTERFACE ELECTRICAL AND SPEED SPECIFICATIONS
Nominal supplies. For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply, and for the typical values,
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
JESD204B SERIAL INTERFACE RATE
Serial lane rate (bit repeat option disabled)
8.11
15.5
Gbps
Unit Interval
168.35
64.5
ps
JESD204C SERIAL INTERFACE RATE
Serial lane rate (bit repeat option disabled)
8.11
16.22
Gbps
Unit Interval
123.3
61.65
ps
JESD204x DATA INPUTS
SERDINx±, where x = 0 to 7
Differential Voltage, RVDIFF
800
mV p-p
Differential Impedance, ZRDIFF
At dc
98
Ω
Termination Voltage, VTT
AC-coupled
0.97
V
JESD204x DATA OUTPUTS
SERDOUTx±, where x = 0 to 7
Logic Compliance
JESD204B/JESD204C compliant
Differential Output Voltage
Maximum strength
675
mV p-p
Differential Termination Impedance
80
108
120
Ω
Rise Time, tR
20% to 80% into 100 Ω load
18
ps
Fall Time, tF
20% to 80% into 100 Ω load
18
ps
SYSREFP AND SYSREFN INPUTS
Logic Compliance
LVDS/LVPECL1
Differential Input Voltage
0.7
1.9
V p-p
Input Common-Mode Voltage Range
DC-coupled
0.675
2
V
Input Reference, RIN (Differential)
100
Ω
Input Capacitance (Differential)
1
pF
SYNCxOUTB± OUTPUTS2
Where x = 0 or1
Output Differential Voltage, VOD
Driving 100 Ω differential load
400
mV
Output Offset Voltage, VOS
DVDD1P8/2
V
SYNCxOUTB+
CMOS output option
Refer to CMOS pin specification
SYNCxINB± INPUT2
Where x = 0 or1
Logic Compliance
LVDS
Differential Input Voltage
0.7
1.9
mV p-p
Input Common-Mode Voltage
DC-coupled
0.675
2
V
RIN (Differential)
18
18
kΩ
Input Capacitance (Differential)
1
1
pF
SYNCxINB+ INPUT
CMOS input option
Refer to CMOS pin specification
1
LVDS means low voltage differential signaling and LVPECL means low voltage positive/pseudo emitter-coupled logic.
2
IEEE 1596.3 Standard LVDS compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com