Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 1 Page - Analog Devices

  AD9082 Datasheet HTML 1Page - Analog Devices AD9082 Datasheet HTML 2Page - Analog Devices AD9082 Datasheet HTML 3Page - Analog Devices AD9082 Datasheet HTML 4Page - Analog Devices AD9082 Datasheet HTML 5Page - Analog Devices AD9082 Datasheet HTML 6Page - Analog Devices AD9082 Datasheet HTML 7Page - Analog Devices AD9082 Datasheet HTML 8Page - Analog Devices AD9082 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
MxFE Quad, 16-Bit, 12 GSPS RF DAC
and Dual, 12-Bit, 6 GSPS RF ADC
Data Sheet
AD9082
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Flexible reconfigurable common platform design
4 DACs and 2 ADCs (4D2A)
Supports single, dual, and quad band
Maximum DAC/ADC sample rate up to 12 GSPS/6 GSPS
DAC to ADC sample rate ratios of 1, 2, 3, and 4
ADC and DAC datapath bypass option
Analog bandwidth to 8 GHz
Full-scale output current range, ac coupling: 7 mA to 40 mA
On-chip PLL with multichip synchronization
External RFCLK input option
ADC ac performance at 6 GSPS
Full-scale input voltage: 1.475 V p-p
Full-scale sine wave input power: 4.4 dBm
Noise density: −153 dBFS/Hz
Noise figure: 25.3 dB
HD2: −65.2 dBFS at 2.7 GHz
HD3: −70.8 dBFS at 2.7 GHz
Worst other (excluding HD2 and HD3): −68.5 dBFS at 2.7 GHz
DAC ac performance at 3.7 GHz output
2-tone IMD3 (−7 dBFS per tone): −78.9 dBc
NSD, single-tone, fDAC = 12 GSPS: −155.1 dBc/Hz
SFDR, single-tone, fDAC = 12 GSPS: −70 dBc
Versatile digital features
Supports real or complex digital data (8-, 12-, 16-, or 24-bit)
Selectable interpolation and decimation filters
Configurable DDC and DUC
8 fine complex DUCs and 4 coarse complex DUCs
8 fine complex DDCs and 4 coarse complex DDCs
48-bit NCO per DUC/DDC
Option to bypass fine and coarse DUC/DDC
Programmable 192-tap PFIR filter for receive equalization
Supports 4 different profile settings loaded via GPIO
Programable delay per data path
Receive AGC support
Fast detect with low latency for fast AGC control
Signal monitor for slow AGC control
Dedicated AGC support pins
Transmit DPD support
Fine DUC channel gain control and delay adjust
Coarse DDC delay adjust for DPD observation path
Auxiliary features
Fast frequency hopping
Direct digital synthesis (DDS)
Low latency digital loopback mode (ADC to DAC)
ADC clock driver with selectable divide ratios
Power amplifier downstream protection circuitry
On-chip temperature monitoring unit
Flexible GPIOx pins
TDD power savings option
SERDES JESD204B/JESD204C interface, 16 lanes up to 16.22 Gbps
8 lanes per DACs and ADCs
JESD204B compatible with the maximum 15.5 Gbps lane rate
JESD204C compatible with the maximum 16.22 Gbps lane rate
Sample and bit repeat mode for lane rate matching
Total power consumption: 11.45 W typical
15 mm × 15 mm, 324-ball BGA with 0.8 mm pitch
APPLICATIONS
Wireless communications infrastructure
Microwave point-to-point, E-band and 5G mmWave
Broadband communications systems
DOCSIS 3.1 and 4.0 CMTS
Phased array radar and electronic warfare
Electronic test and measurement systems
GENERAL DESCRIPTION
The mixed signal front-end (MxFE®) is a highly integrated device
with a 16-bit, 12 GSPS maximum sample rate, RF digital-to-analog
converter (DAC) core, and 12-bit, 6 GSPS rate, RF analog-to-
digital converter (ADC) core. The AD9082 supports four
transmitter channels and two receiver channels. The AD9082
is well suited for applications requiring both wideband ADCs
and DACs to process signal(s) having wide instantaneous
bandwidth. The device features a 16 lane, 16.22 Gbps JESD204C
or 15.5 Gbps JESD204B data transceiver port, an on-chip clock
multiplier, and a digital signal processing (DSP) capability
targeted at either wideband or multiband, direct to RF
applications. The AD9082 also features a bypass mode that
allows the full bandwidth capability of the ADC and/or DAC
cores to bypass the DSP datapaths. The device also features low
latency loopback and frequency hopping modes targeted at
phase array radar system and electronic warfare applications.


Similar Part No. - AD9082

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9082 AD-AD9082 Datasheet
851Kb / 36P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
Rev. C
AD9082-FMCA-EBZ AD-AD9082-FMCA-EBZ Datasheet
2Mb / 25P
12-Bit, 6 GSPS, JESD204B/JESD204C Dual ADC
Rev. 0
AD9082-FMCA-EBZ AD-AD9082-FMCA-EBZ Datasheet
851Kb / 36P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
Rev. C
AD9082BBPZ-2D2AC AD-AD9082BBPZ-2D2AC Datasheet
851Kb / 36P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
Rev. C
AD9082BBPZ-4D2AC AD-AD9082BBPZ-4D2AC Datasheet
851Kb / 36P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
Rev. C
More results

Similar Description - AD9082

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D800RFIUT TI1-ADC12D800RFIUT Datasheet
1Mb / 84P
12-Bit, 1.6/1.0 GSPS RF Sampling ADC
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
Analog Devices
AD9176 AD-AD9176_V01 Datasheet
2Mb / 151P
Dual, 16-Bit, 12.6 GSPS RF DAC
5/2019-Rev. 0 to Rev. A
AD9081 AD-AD9081 Datasheet
122Kb / 3P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
AD9177 AD-AD9177 Datasheet
132Kb / 5P
Quad, 16-Bit, 12 GSPS RF DAC
AD9209 AD-AD9209 Datasheet
120Kb / 5P
Quad, 12-Bit, 4 GSPS RF ADC
AD9207 AD-AD9207_V01 Datasheet
2Mb / 25P
12-Bit, 6 GSPS, JESD204B/JESD204C Dual ADC
Rev. 0
AD9217 AD-AD9217 Datasheet
71Kb / 2P
12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com