Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9082 Datasheet HTML 20Page - Analog Devices AD9082 Datasheet HTML 21Page - Analog Devices AD9082 Datasheet HTML 22Page - Analog Devices AD9082 Datasheet HTML 23Page - Analog Devices AD9082 Datasheet HTML 24Page - Analog Devices AD9082 Datasheet HTML 25Page - Analog Devices AD9082 Datasheet HTML 26Page - Analog Devices AD9082 Datasheet HTML 27Page - Analog Devices AD9082 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
AD9082
Data Sheet
Rev. A | Page 24 of 33
2
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
0
6000
5000
4000
3000
2000
1000
fOUT (MHz)
fDAC = 11796.48MSPS
fDAC = 8847.36MSPS
fDAC = 5898.24MSPS
fDAC = 2949.12MSPS
Figure 24. DAC0 Fundamental Output Power vs. fOUT for
Different fDAC Sample Rates (Mode 17B), Channel Interpolation 1×,
Main Interpolation 8×, 0 dBFS Digital Back Off)
–140
–170
–167
–161
–155
–149
–143
–164
–158
–152
–146
0
6000
5000
4000
3000
2000
1000
fOUT (MHz)
SHUFFLE ON
SHUFFLE OFF
Figure 25. Single-Tone NSD Measured at 10% Offset from fOUT vs. fOUT,
11796.48 MSPS fDAC, 16-Bit Resolution, Shuffle Off vs. Shuffle On (Mode 17B)
–140
–170
–167
–161
–155
–149
–143
–164
–158
–152
–146
0
6000
5000
4000
3000
2000
1000
fOUT (MHz)
fDAC = 11796.48MSPS
fDAC = 8847.36MSPS
fDAC = 5898.24MSPS
Figure 26. Single-Tone NSD Measured at 10% Offset from fOUT vs. fOUT over fDAC,
16-Bit Resolution, Shuffle On (Mode 17B)
–35
–95
–75
–55
–115
–105
–85
–65
–45
CENTER 3.9000GHz
#RES BW 100kHz
SPAN 798.3MHz
SWEEP 233ms (1001PTS)
1
MKR1 3.900000000GHz
–41.78dBm
Figure 27. Adjacent Channel Leakage Ratio (ACLR) Performance for 100 MHz
5G Test Vector at fOUT = 3.9 GHz and fDAC = 11.898 GSPS, Test Vector Peak to
RMS = 11.7 dB with −1 dBFS Back Off (Mode 9C), Channel Interpolation 3×,
Main Interpolation 8×
–140
–170
–167
–161
–155
–149
–143
–164
–158
–152
–146
0
6000
5000
4000
3000
2000
1000
fOUT (MHz)
SHUFFLE ON
SHUFFLE OFF
Figure 28. Single-Tone NSD Measured at 10% Offset from fOUT vs. fOUT,
11796.48 MSPSz fDAC, 12-Bit Resolution, Shuffle Off vs. Shuffle On (Mode 24C)
–140
–170
–167
–161
–155
–149
–143
–164
–158
–152
–146
0
6000
5000
4000
3000
2000
1000
fOUT (MHz)
fDAC = 11796.48MSPS
fDAC = 8847.36MSPS
fDAC = 5898.24MSPS
Figure 29. Single-Tone NSD Measured at 10% Offset from fOUT vs. fOUT over fDAC,
12-Bit Resolution, Shuffle On (Mode 24C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com