Electronic Components Datasheet Search
  English  ▼

X  

AD9082 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9082
Description  MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9082 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9082 Datasheet HTML 7Page - Analog Devices AD9082 Datasheet HTML 8Page - Analog Devices AD9082 Datasheet HTML 9Page - Analog Devices AD9082 Datasheet HTML 10Page - Analog Devices AD9082 Datasheet HTML 11Page - Analog Devices AD9082 Datasheet HTML 12Page - Analog Devices AD9082 Datasheet HTML 13Page - Analog Devices AD9082 Datasheet HTML 14Page - Analog Devices AD9082 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Data Sheet
AD9082
Rev. A | Page 11 of 33
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SINGLE SIDEBAND PHASE NOISE OFFSET (PLL ENABLED)
Loop filter component values include
C1 = 22 nF, R1 = 226 Ω, C2 = 2.2 nF,
C3 = 33 nF, and phase detector
frequency (PFD) = 500 MHz
fOUT = 1.8 GHz, fDAC = 12 GSPS, fCLKIN = 0.5 GHz
1 kHz
−103
dBc/Hz
10 kHz
−111
dBc/Hz
100 kHz
−119
dBc/Hz
600 kHz
−127
dBc/Hz
1.2 MHz
−132
dBc/Hz
1.8 MHz
−137
dBc/Hz
6 MHz
−148
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com