Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 30 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 22Page - Analog Devices LTC4124 Datasheet HTML 23Page - Analog Devices LTC4124 Datasheet HTML 24Page - Analog Devices LTC4124 Datasheet HTML 25Page - Analog Devices LTC4124 Datasheet HTML 26Page - Analog Devices LTC4124 Datasheet HTML 27Page - Analog Devices LTC4124 Datasheet HTML 28Page - Analog Devices LTC4124 Datasheet HTML 29Page - Analog Devices LTC4124 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTC4124
30
Rev. A
For more information www.analog.com
ANALOG DEVICES, INC. 2019
11/19
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC4123
Low Power Wireless Charger for Hearing Aids
Wireless NiMH Charger, Temperature Compensated Charge Voltage, 1.5V at 25°C,
25mA Charge Current, 2mm × 2mm DFN-6 Package.
LTC4126
Low Power Li-Ion Wireless Charger with Step
Down Regulator for Hearing Aids
Wireless Single Cell Li-Ion Charger, Internal Temperature Qualified Charging, 4.2V at
25°C, 7.5mA Charge Current, Integrated High Efficiency 1.2V Regulator, 2mm × 2mm
LQFN Package.
LTC4070
Li-Ion/Polymer Shunt Battery Charger System
Low Operating Current (450nA), 1% Float Voltage Accuracy Over Full Temperature
and Shunt Current Range, 50mA Maximum Internal Shunt Current (500mA with
External PFET), Pin-Selectable Float Voltages: 4.0V, 4.1V, 4.2V. Ultralow Power
Pulsed NTC Float Conditioning for Li-Ion/Polymer Protection, 8-Lead 2mm × 3mm
DFN and MSOP.
LTC4071
Li-Ion/Polymer Shunt Battery Charger System
with Low Battery Disconnect
Integrated Pack Protection, <10nA Low Battery Disconnect Protects Battery from
Over-Discharge. Low Operating Current (550nA), 1% Float Voltage Accuracy Over
Full Temperature and Shunt Current Range, 50mA Maximum Internal Shunt Current,
Pin-Selectable Float Voltages: 4.0V, 4.1V, 4.2V. Ultralow Power Pulsed NTC Float
Conditioning for Li-Ion/Polymer Protection, 8-Lead 2mm × 3mm DFN and MSOP.
LTC6990
TimerBlox: Voltage-Controlled Silicon Oscillator Fixed-Frequency or Voltage-Controlled Operation.
LTC4125
5W AutoResonant Wireless Power Transmitter Monolithic AutoResonant™ Full Bridge Driver. Transmit Power Automatically Adjusts
to Receiver Load, Foreign Object Detection, Wide Operating Switching Frequency
Range: 50kHz-250kHz, Input Voltage Range 3V to 5.5V, 20-Lead 4mm × 5mm QFN
Package.
LTC4120
Wireless Power Receiver and 400mA Buck
Battery Charger
Wireless 1 to 2 Cell Li-Ion Charger, 400mA Charge Current, Dynamic Harmonization
Control, Wide Input Range: 12.5V – 40V, 3mm × 3mm QFN-16 Package.
Up to Four LTC4124, 10mA Minimum Size Charger Receivers with a Single LTC4125 AutoResonant Transmitter
CTX
40.8nF
RNTCRX
100k
FTH
PTHM
IS–
IS+
PTH1
PTH2
EN
NTC
SW1
SW2
FB
LTC4124
UP TO 4x
4124 TA04
RPTHM2
25.5k
RFTH2
100k
RFTH1
37.4k
2.2k
680pF
DT3
CIMON
10nF
1µF
47µF
x 2
RIN
332
RIS
120m
IIN
15nF
0.1µF
AIR GAP
8mm ±1mm
CFB1
0.1µF
DC1
DT2
DT1
RFB1
10k
RIMON
54.9k
RFB2
1.87k
LTX
12µH
VIN
VIN
RPTHM1
100k
4.5V
TO
5V
100k
RNTCTX
VCC
VSEL1
LBSEL
CHRG
ACIN
NTC
BAT
DCIN
PRECHG
+
VSEL2 GND ISEL1 ISEL2
DRX
CRX
68nF
LRX
7.2µH
LTC4125
IMON
CTD
CTS
GND
STAT
IN
DTH
IN1 IN2
LTX: 760308104113
CTX: GA0603Y393KXBAP31G
GRM155R72A182KA01D
CFB1: GRM188R72A104KA35D
DC1: CDBQR70
DT1: SML-LX0603S1W-TR
DT2: BAS521-7
DT3: ADR510ARTZ
RNTCTX: NTCG064EF104F
LRX: 760308101216
CRX: GRM155R71H683KE14J
DRX: APG0603VGC
RNTCRX: NTCG064EF104F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com