Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 2 Page - Analog Devices

  LTC4124 Datasheet HTML 1Page - Analog Devices LTC4124 Datasheet HTML 2Page - Analog Devices LTC4124 Datasheet HTML 3Page - Analog Devices LTC4124 Datasheet HTML 4Page - Analog Devices LTC4124 Datasheet HTML 5Page - Analog Devices LTC4124 Datasheet HTML 6Page - Analog Devices LTC4124 Datasheet HTML 7Page - Analog Devices LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC4124
2
Rev. A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltages
DCIN, VCC, BAT ........................................ –0.3V to 6V
ACIN ..................................... VCC – 40V to VCC + 0.3V
Input Supply Currents
I(ACIN)............................................................ 200mA
I(DCIN)............................................................ 200mA
CHRG...............................................–0.3V to VCC + 0.3V
Programming Pins
VSEL1, VSEL2, ISEL1, ISEL2........–0.3V to VCC + 0.3V
NTC, LBSEL, PRECHG .................–0.3V to VCC + 0.3V
Operating Junction Temperature Range
(Note 3)................................................... –20°C to 85°C
Storage Temperature Range .................. –40°C to 125°C
Maximum Reflow (Package Body)
Temperature..........................................................260°C
(Notes 1, 2)
TOP VIEW
VCC
CHRG
PRECHG
VSEL1
BAT
NTC
LBSEL
ISEL2
10
9
8
7
1
2
3
4
LQFN PACKAGE
12-LEAD (2mm × 2mm × 0.74mm)
TJMAX = 85°C, θJA = 92°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
13
GND
12
11
5
6
ORDER INFORMATION
PART NUMBER
PART MARKING*
FINISH CODE
PAD FINISH
PACKAGE**
TYPE
MSL
RATING
TEMPERATURE RANGE
LTC4124EV#TRPBF
LHFW
e4
Au (RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–20°C to 85°C
LTC4124EV#TRMPBF
LHFW
e4
Au (RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–20°C to 85°C
• Contact the factory for parts specified with wider operating temperature
ranges. *Device temperature grade is identified by a label on the shipping
container.
• Pad finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings
Parts ending with PBF are RoHS and WEEE compliant. **The LTC4124
package has the same dimensions as a standard 2mm × 2mm × 0.74mm
QFN Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com