Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices LTC4124 Datasheet HTML 10Page - Analog Devices LTC4124 Datasheet HTML 11Page - Analog Devices LTC4124 Datasheet HTML 12Page - Analog Devices LTC4124 Datasheet HTML 13Page - Analog Devices LTC4124 Datasheet HTML 14Page - Analog Devices LTC4124 Datasheet HTML 15Page - Analog Devices LTC4124 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LTC4124
12
Rev. A
For more information www.analog.com
OPERATION
Ship mode activates when a 1.5V (± 100mV) DC voltage
is simultaneously applied to both the DCIN and the ACIN
pins while the LTC4124 is in ideal diode mode (the bat-
tery is supporting the VCC voltage at or above the battery
disconnect voltage VBAT_LBDIS).
Before entering ship mode, the voltage at VCC will be at
VBAT – 50mV. As soon as 1.5V is simultaneously applied
to the DCIN and ACIN pins, the voltage at VCC will drop to
a diode drop below 1.5V (approximately 0.7V), indicating
that the part is now in ship mode. Finally, set the DCIN
and ACIN pins to 0V to let the VCC pin voltage drop to 0V.
In a typical setup, an RX coil is connected between the
ACIN pin and GND. Thus, driving the ACIN pin with a 1.5V
DC voltage is not prudent without temporarily removing
this coil connection. An alternate and more practical pro-
cedure for entering ship mode is as follows:
1. With DCIN = 0V, ensure that the LTC4124 is in ideal
diode mode (the battery is supporting the VCC voltage
at or above the battery disconnect voltage VBAT_LBDIS).
2. Turn on the transmitter and couple the TX coil to the
RX coil so that the LTC4124 is in charging mode (VCC
is supported by ACIN at or above the battery voltage).
3. Drive the DCIN pin to 1.5V DC.
4. Turn off the transmitter.
5. Ensure that the VCC voltage drops to a diode drop
below 1.5V (approximately 0.7V).
6. Remove the 1.5V DC source from the DCIN pin and
drive it to 0V.
7. Ensure that the VCC voltage goes to 0V.
Once in ship mode, normal functioning of the LTC4124
can only resume again by applying power to the ACIN
or DCIN pin to bring the voltage at VCC above the 2.7V
minimum operating voltage.
IDEAL DIODE POWER PATH FROM BAT TO VCC
When the LTC4124 is not in low battery disconnect
mode nor in ship mode, the Ideal Diode Control block
(Functional Block Diagram) regulates VCC to achieve low
loss conduction by driving the gate of M2 such that the
voltage drop from the BAT pin to the VCC pin is 50mV. At
high load currents from VCC, M2 is fully driven on with its
on-resistance adding to that of M3 connecting BAT to VCC.
The Charger Control block driving M1 together with the
Ideal Diode Control block driving M2 allow for a smooth
transition from charging mode to the low loss discharge
mode. Note that in charging mode, current is flowing from
the VCC pin to the BAT pin. In the low loss discharge (ideal
diode) mode, current is flowing from the BAT pin to sup-
port the VCC pin voltage to be as close to that of the BAT
pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com