Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 13Page - Analog Devices LTC4124 Datasheet HTML 14Page - Analog Devices LTC4124 Datasheet HTML 15Page - Analog Devices LTC4124 Datasheet HTML 16Page - Analog Devices LTC4124 Datasheet HTML 17Page - Analog Devices LTC4124 Datasheet HTML 18Page - Analog Devices LTC4124 Datasheet HTML 19Page - Analog Devices LTC4124 Datasheet HTML 20Page - Analog Devices LTC4124 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LTC4124
17
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
And:
LAIDING = LAB
LCANCELLING = LCD
k =
LAIDING – LCANCELLING
4 LTXLRX
PC BOARD LAYOUT CONSIDERATIONS
Since the exposed pad of the LTC4124 package is the only
ground connection and serves as the return path for both
the charger and the DC/DC converter, it must be soldered
to the PC board ground for a good electrical connection.
The shunt circuitry in the Wireless Power Manager block
(Functional Block Diagram) dissipates some power within
the IC that may cause the die temperature to rise. For
optimum thermal performance, there should be a group
of vias directly under the exposed pad on the backside
leading directly down to a ground plane on layer 2.
Figure 12 shows a recommended layout of a complete
LTC4124 application PC Board. The diameter of this gen-
eral purpose board, which allows for all permutations for
the pin programmable settings, is only 5.2mm.
Figure 12.
VCC
CRX
VCC
BAT
NTC
DCIN
ISEL1
ISEL2
VSEL2
10
9
8
7
1
2
3
4
13
12
11
5
6
LTC4124
GND
GND
GND
VSEL1
PRECHG
LBSEL
4124 F12
BOTTOM LAYER
TOP LAYER
5.2mm
5.2mm
A
LED
K
Recommended Minimum Footprint Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com