Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 12Page - Analog Devices LTC4124 Datasheet HTML 13Page - Analog Devices LTC4124 Datasheet HTML 14Page - Analog Devices LTC4124 Datasheet HTML 15Page - Analog Devices LTC4124 Datasheet HTML 16Page - Analog Devices LTC4124 Datasheet HTML 17Page - Analog Devices LTC4124 Datasheet HTML 18Page - Analog Devices LTC4124 Datasheet HTML 19Page - Analog Devices LTC4124 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LTC4124
16
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
ACIN pin. Following the procedure above, when evaluating
the rise in temperature of the LTC4124 under the best-
case coupling conditions, ensure that VVCC – VACIN does
not exceed 40V. Figure 9 shows a typical waveform on
ACIN showing VCC – VACIN < 40V.
Figure 9.
TIME (µs)
0
8
-12
4
6
0
–4
–8
2
–2
–6
–10
–14
15
35
5
25
4124 F09
40
10
30
20
VCC = 5.5V
Typical Acceptable Voltage Waveform on the
ACIN pin with VCC – VACIN < 40V.
As an alternative to using the empirical method to deter-
mine the maximum negative voltage on the ACIN pin,
the following formula can be used in conjunction with
Figure 10, which shows a parallel resonant configuration
on the receiver:
VRX =
ωk LTXLRX
1– ω2LRXCRX
(
)
2
+ ω
LRX
RL–AC
⎛
⎝
⎜
⎞
⎠
⎟
ITX
Figure 10.
4124 F10
LRX
CRX
RL–AC
LTX
ITX
VRX
LRX
CRX
CRECT
RL–DC
LTX
ITX
IOUT
VOUT
Modeling Parallel Resonant Configuration
and Half Wave Rectifier on the Receiver
|VRX| is the amplitude of the voltage on the receiver coil,
|ITX| is the amplitude of the current in the transmit coil,
k is the coupling factor between the transmit and receive
coils, ω is the operating frequency in radians per second,
LTX is the self-inductance of the transmit coil, LRX is the
self-inductance of the receive coil, CRX is the receiver
resonant capacitance, and RL-AC is the equivalent AC load
resistance.
One simplification is as follows:
RL–AC ≈
RL–DC
2
which assumes that the drop across the Schottky diode is
much smaller than the amplitude |VRX|. Additionally, RL-DC
can be approximated as the ratio of the output voltage
(VOUT) to the output current (IOUT):
RL–DC =
VOUT
IOUT
The amplitude of the current in the transmit coil |ITX|
can be either measured directly or its initial (no receiver)
value can be calculated based on the transmitter circuit as
described in the applications example. This initial value is
a conservative estimate since the amplitude of the trans-
mitter coil current will drop as soon as the receiver, with
a load, is coupled to it.
The coupling factor (k) between the two coils could be
obtained by running a finite element simulation input-
ting the coil dimensions and physical configurations. An
easier method to obtain this coupling number, is to use the
series-aiding and series-cancelling empirical measure-
ment method for two loosely coupled coils as shown in
Figure 11.
Figure 11.
•
•
•
•
4124 F11
LTX
LTX
LRX
LRX
A
B
C
D
Series-Aiding and Series-Cancelling Method
Configurations Used for Measuring the Coupling Factor k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com