Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 16Page - Analog Devices LTC4124 Datasheet HTML 17Page - Analog Devices LTC4124 Datasheet HTML 18Page - Analog Devices LTC4124 Datasheet HTML 19Page - Analog Devices LTC4124 Datasheet HTML 20Page - Analog Devices LTC4124 Datasheet HTML 21Page - Analog Devices LTC4124 Datasheet HTML 22Page - Analog Devices LTC4124 Datasheet HTML 23Page - Analog Devices LTC4124 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTC4124
20
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
2. Set the driving frequency (fDRIVE) for the single tran-
sistor transmitter:
fDRIVE is set to the same value as the receiver resonant
frequency:
RSET =
1MHz
fOUT
•
50kΩ
NDIV
=
1MHz
1MHz
•
50kΩ
1
= 50kΩ
where NDIV = 1 as the DIV pin of the LTC6990 is
grounded. Select a 49.9kΩ (standard value) resistor
with 1% tolerance. For more information regarding
the oscillator, consult the LTC6990 data sheet.
3. Set the LC tank component values for the single tran-
sistor transmitter: If fDRIVE is 1MHz, the transmit LC
tank frequency (fTX-TANK) is:
fTX-TANK = 1.29 • 1MHz = 1.29MHz
The transmit coil (LTX) used in this example is 7.5μH.
The value of transmit tank capacitance (CTX) can be
calculated:
CTX =
1
4 • π2 • f 2TX−TANK • LTX
= 2.0nF
Accounting for the parasitic capacitance on the drain
of M1, a CTX value of 1.8nF is chosen. The recom-
mended rating for CTX capacitors is 50V with 5% (or
better) tolerance.
4. Verify that the AC current through the transmit coil
is well within its rating. In this example, the supply
voltage to the single transistor transmitter is 5V. The
peak AC current through the transmit (LTX) coil can
be calculated as:
ITX−PEAK =
0.36 • VIN
fTX−TANK • LTX
=
0.36 • 5V
1.29 × 106 • 7.5µH
ITX−PEAK = 0.19A
and the RMS current as:
ITX-RMS = 0.66 • 0.19A = 0.13A
The ITX–RMS is well below the 1.55A max rated cur-
rent for the transmit coil (see the Wurth Elektronik
760308103206 data sheet for more information).
5. Also verify that the transmit power level chosen does
not result in excessive heating nor excessive negative
voltage on the ACIN pin of the LTC4124.
Using the guidelines described in the Choosing
Transmit Power Level section, the transmit and
receive coils should be arranged under best-case
coupling conditions with a fully charged battery, and
the steady state temperature of the LTC4124 should
then be measured. Additionally, VVCC – VACIN should
also be verified.
The best coupling condition typically occurs with the
smallest air gap between the coils and the two coils in
a concentric arrangement. However in this particular
example, the transmit coil shape is elliptical. Figure 17
shows the 2D physical arrangement resulting in best-
coupling conditions for the two coils in this example.
Figure 17.
4124 F17
(POSSIBLE LOCATION 1)
(POSSIBLE LOCATION 2)
TX COIL
RX COIL
RX COIL
Best Coupling Condition for the Coils in
Design Example 1
If we set the air gap to 0mm minimum, the maxi-
mum temperature rise of the LTC4124 is 12°C and
the maximum VVCC – VACIN is 13V.
This result is verified using the alternative formula
provided in the Choosing Transmit Power Level sec-
tion. Using the suggested method, the coupling value
at the best coupling condition is 0.04. Using this cou-
pling value, the predicted value of the minimum nega-
tive voltage developed on the ACIN is –8V. Therefore,
the predicted maximum VVCC – VACIN is 13V as veri-
fied empirically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com