Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 3Page - Analog Devices LTC4124 Datasheet HTML 4Page - Analog Devices LTC4124 Datasheet HTML 5Page - Analog Devices LTC4124 Datasheet HTML 6Page - Analog Devices LTC4124 Datasheet HTML 7Page - Analog Devices LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices LTC4124 Datasheet HTML 10Page - Analog Devices LTC4124 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTC4124
7
Rev. A
For more information www.analog.com
PIN FUNCTIONS
ISEL1 (Pin 6): Charge Current Select Bit 1. Tie this pin to
VCC or GND to program the battery charge current. Do not
leave this pin open. Refer to Table 3 for programming the
desired charge current.
ISEL2 (Pin 7): Charge Current Select Bit 2. Tie this pin to
VCC or GND to program the battery charge current. Do not
leave this pin open. Refer to Table 3 for programming the
desired charge current.
Table 3. Battery Charge Current Programming
ISEL1
ISEL2
Charge Current
High
High
100mA
High
Low
50mA
Low
High
25mA
Low
Low
10mA
LBSEL (Pin 8): Low Battery Disconnect Voltage Select.
Tie this pin to VCC or GND to program the low battery
disconnect voltage level. Do not leave this pin open. Refer
to Table 4 for programming the desired low battery dis-
connect voltage level.
Table 4. Low Battery Disconnect Voltage Programming
LBSEL
Disconnect Voltage
High
3.2V
Low
2.7V
NTC (Pin 9): Thermistor Input. Connect a 100kΩ thermis-
tor from NTC to GND. This pin is internally pulled up with
a 100kΩ, 1% resistor to VCC. The voltage level on this pin
determines if the battery temperature is safe for charging.
Charging and the charge timer are paused if the thermis-
tor indicates temperature that is unsafe for charging. Once
the temperature returns to the safe region, charging and
the charge timer resume. Connect this pin to VCC to dis-
able the temperature qualified charging feature.
BAT (Pin 10): Battery. Connect the Li-Ion battery to
this pin.
ACIN (Pin 11): AC Input Supply Voltage. Connect the
external LC tank (receive inductor and capacitor) to this
pin. An internal diode is connected from this pin (anode)
to the VCC pin (cathode). This pin supplies power to the
VCC pin when its peak voltage is higher than the DCIN pin
voltage. Short this pin to GND when not used.
DCIN (Pin 12): Optional DC Input Supply Voltage: 3.3V to
5.5V. An internal diode is connected from this pin (anode)
to the VCC pin (cathode). This pin supplies power to the
VCC pin when its voltage is higher than the peak voltage
of the ACIN pin. Short this pin to GND when not used.
GND (Exposed Pad, Pin 13): Device Ground. Connect
this ground pin to a suitable PCB copper ground plane for
proper electrical operation and rated thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com