Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 27 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 22Page - Analog Devices LTC4124 Datasheet HTML 23Page - Analog Devices LTC4124 Datasheet HTML 24Page - Analog Devices LTC4124 Datasheet HTML 25Page - Analog Devices LTC4124 Datasheet HTML 26Page - Analog Devices LTC4124 Datasheet HTML 27Page - Analog Devices LTC4124 Datasheet HTML 28Page - Analog Devices LTC4124 Datasheet HTML 29Page - Analog Devices LTC4124 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
LTC4124
27
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
100mA Charger Receiver Paired with LTC4125 AutoResonant Transmitter in Optimum Power Search Operation
(LTC4125 Configured as Half-Bridge Resonant Driver)
CTX
90nF
RNTCRX
FTH
PTHM
NTC
SW1
LTC4124
FB
4124 TA04
RFTH1
1k
RFTH2
100k
2.2k
680pF
CIMON
1µF
1µF
CIF
10nF
47µF
x 2
RIN
1.33k
RIS
47m
IIN
15nF
1nF
CFB1
0.1µF
DC1
DT2
DT1
RFB1
100k
RIMON
37.4k
RFB2
20k
LTX
6.8µH
VIN
VIN
VNTC
VNTC
4.5V
TO
5V
100k
RNTCTX
VCC
VSEL1
VSEL2
ISEL1
ISEL2
PRECHG
LBSEL
CHRG
ACIN
DCIN
GND
BAT NTC
DRX
CRX
47nF
LRX
12.6µH
+
AIR GAP
3mm ±1mm
Q1
LTC4125
IMON
CTD
CTS
GND
STAT
IN
DTH
IN1 IN2
LTX: 760308101104
CTX: C3216C0G1H683J160AA
C3216C0G1H223J060AA
CFB1: GRM188R72A104KA35D
DC1: CDBQR70
DT1: SML-LX0603S1W-TR
DT2: BAS521-7
RNTCTX: NTC G064EF104F
Q1: PMBT3904M
LRX: 760308101220
CRX: C0805C473J3GACAUTO
DRX: APG0603VGC
RNTCRX: NTC G064EF104F
S–
IS+
PTH1
PTH2
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com