Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 10Page - Analog Devices LTC4124 Datasheet HTML 11Page - Analog Devices LTC4124 Datasheet HTML 12Page - Analog Devices LTC4124 Datasheet HTML 13Page - Analog Devices LTC4124 Datasheet HTML 14Page - Analog Devices LTC4124 Datasheet HTML 15Page - Analog Devices LTC4124 Datasheet HTML 16Page - Analog Devices LTC4124 Datasheet HTML 17Page - Analog Devices LTC4124 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LTC4124
14
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
LED
The LED connected to the CHRG pin is powered by a
300µA pull-down current source. Select a high efficiency
LED with a low forward voltage drop. Some recommended
LEDs are shown in Table 6.
Table 6. Recommended LEDs
Manufacturer
Part Number
Description
Kingbright
APG0603VGC
Green, 0201
Kingbright
APG0603SEC-E-TT
Red, 0201
Wireless Power Components
In order for the LTC4124 to receive power wirelessly, a
parallel LC tank needs to be connected to the ACIN pin as
shown in the Functional Block Diagram. The inductor L
acts as the receive coil, and together with the capacitance
C, creates a resonant tank circuit. Power transmission
across the weakly coupled link between the transmit coil
and the receive coil (Figure 1) can be greatly improved
when this tank circuit is tuned to the same frequency as
the transmit coil AC current frequency.
Receive Coil/Resonant Inductor L
The most important factor in selecting the receive coil is
the quality factor of the coil:
QL =
ωnL
RS
where ωn is the operating resonant frequency in rad/s
and RS is the parasitic series resistance of the coil. Often
this quality factor is limited by the size of the application.
The smaller the size of the application, the harder it is to
fit wire with small series resistance to generate higher
inductance values. Therefore, in many cases, users are
recommended to first consider the overall size of their
end application and then decide on the biggest possible
coil that fits this end application device.
Another commonly employed method to improve the Q
value of the receive coil is the use of a ferrite core on the
coil. Figure 8 shows a commonly employed ferrite core in
the form of a sheet at both the TX and RX coils.
Figure 8.
4124 F08
PCB +
FERRITE
CIRCUIT
TX COIL
FERRITE
+ PCB
CIRCUIT
AIR GAP
RX COIL
Cross Section of TX and RX Coils with Ferrite Sheets
The presence of this ferrite core increases the self-induc-
tance value of each coil, which increases the Q. More
importantly, proper placement of this ferrite material
helps shape the magnetic field between the TX and RX
coils which greatly improves the coupling or the mutual
inductance between these two coils. Stronger coupling
translates to better power transfer and higher efficiency.
Additionally this ferrite core helps shield the rest of the
transmit and receive circuits which may be placed on the
opposite side of the magnetic link (air gap in Figure 8).
Table 7 lists some recommended inductors of different
sizes for applications with the LTC4124.
Table 7. Recommended Receive Coils
Manufacturer
Part Number
Description
Wurth Elektronik
760308101216
7.2µH, 6mm ø
Wurth Elektronik
760308101208
13µH, 10mm ø
Wurth Elektronik
760308101220
12.6µH, 17mm ø



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com