Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 2Page - Analog Devices LTC4124 Datasheet HTML 3Page - Analog Devices LTC4124 Datasheet HTML 4Page - Analog Devices LTC4124 Datasheet HTML 5Page - Analog Devices LTC4124 Datasheet HTML 6Page - Analog Devices LTC4124 Datasheet HTML 7Page - Analog Devices LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices LTC4124 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTC4124
6
Rev. A
For more information www.analog.com
PIN FUNCTIONS
VCC (Pin 1): System DC Supply. The VCC voltage range
is 2.7V to 5.5V. An internal diode is connected from the
ACIN pin (anode) to this pin (cathode), and a second one
is connected from the DCIN pin (anode) to this pin (cath-
ode). The voltage on this pin will be determined by the
higher of the DCIN voltage and the peak AC voltage on the
ACIN pin. There is an internal 2.2µF rectification capacitor
connected between this pin and GND. Optional additional
capacitance can be connected externally between this pin
and GND.
CHRG (Pin 2): Charge Status Indicator. This pin is an open
drain output with a 300µA current source pull down. In
a typical application, this pin is pulled up by an LED to
VCC. This pin has four possible states shown in Table 1.
Table 1. CHRG States
CHRG
Status
High Impedance No Input Power
Blink Slow
(0.8Hz)
Powered On and Charging
Blink Fast
(6Hz)
Charging Paused due to Battery Temperature Out of
Range, or
Charging Stopped due to Bad Battery Detected, or
Limited Charging due to Undervoltage Current Limit
Pull Down
End of Charge C/10 Reached or Charging Complete
PRECHG (Pin 3): Precharge Enable. Tie this pin to VCC to
enable low current precharge at battery voltages below
the precharge battery threshold (VBAT_TRKL). Tie this
pin to GND to disable low current precharge. When low
current precharge is disabled, full charge current will be
delivered for battery voltages below the final charge volt-
age. Do not leave this pin open.
VSEL1 (Pin 4): Charge Voltage Select Bit 1. Tie this pin
to VCC or GND to program the battery charge voltage. Do
not leave this pin open. Refer to Table 2 for programming
the desired charge voltage.
VSEL2 (Pin 5): Charge Voltage Select Bit 2. Tie this pin
to VCC or GND to program the battery charge voltage. Do
not leave this pin open. Refer to Table 2 for programming
the desired charge voltage.
Table 2. Battery Charge Voltage Programming
VSEL1
VSEL2
Charge Voltage
High
High
4.35V
High
Low
4.20V
Low
High
4.10V
Low
Low
4.00V
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
CHRG Pull-Down Current vs
Temperature
Charge Termination Period and
Bad Battery Detection Period vs
Temperature
TEMPERATURE (°C)
–20
400
300
340
300
220
360
320
260
280
240
200
55
25
4124 G08
85
40
10
70
–5
VCHRG = 0.4V
TEMPERATURE (°C)
–20
3.8
3.6
3.2
2.8
3.4
3.0
2.4
2.6
2.2
61
57
49
41
53
45
37
33
29
55
25
4124 G09
85
40
10
70
–5
CHARGE TERMINATION PERIOD
BAD BATTERY DETECTION PERIOD
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com