Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 25 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 21Page - Analog Devices LTC4124 Datasheet HTML 22Page - Analog Devices LTC4124 Datasheet HTML 23Page - Analog Devices LTC4124 Datasheet HTML 24Page - Analog Devices LTC4124 Datasheet HTML 25Page - Analog Devices LTC4124 Datasheet HTML 26Page - Analog Devices LTC4124 Datasheet HTML 27Page - Analog Devices LTC4124 Datasheet HTML 28Page - Analog Devices LTC4124 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
LTC4124
25
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
25mA LTC4124 Charger Receiver Using a 10mm RX Coil Paired with a Simple Single Transistor Transmitter
RNTCRX
100k
RSET
243k
LTC4124
4124 TA02
VCC
ISEL2
VSEL1
LBSEL
CHRG
ACIN
NTC
BAT
DCIN
PRECHG
+
VSEL2 GND ISEL1
DIV GND SET
OUT
LRX
12.6µH
DRX
LTC6990
M1: INFINEON, BSS816NW
CTX: MURATA GCJ188R92A473KA01D
LTX: WURTH, 760308101104
CRX: MURATA, GCM155R71H473KE02J
LRX: WURTH, 760308101208
DRX: KINGBRIGHT, APG0603VGC
RNTCRX: MURATA, NCP03WF104F
M1
VIN
5V
LTX
6.8µH
CTX
47nF
CRX
47nF
4.7µF
V+
OE
AIR GAP
2mm ±1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com