Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 7Page - Analog Devices LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices LTC4124 Datasheet HTML 10Page - Analog Devices LTC4124 Datasheet HTML 11Page - Analog Devices LTC4124 Datasheet HTML 12Page - Analog Devices LTC4124 Datasheet HTML 13Page - Analog Devices LTC4124 Datasheet HTML 14Page - Analog Devices LTC4124 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LTC4124
11
Rev. A
For more information www.analog.com
OPERATION
UVCL
The LTC4124 charger also includes undervoltage current
limiting (UVCL) which gradually reduces the charge cur-
rent from the full programmed value towards zero as the
VCC voltage drops to 3.4V. When the VCC voltage is less
than 3.45V, the CHRG pin blinks fast (6Hz) to indicate a
UVCL fault.
This feature is particularly useful in situations where the
wireless power available is limited. Without UVCL, if the
magnetic coupling between the receive coil and the trans-
mit coil is low, the VCC voltage could be forced below the
acceptable minimum operating voltage (2.7V) when the
charger tried to provide the full charge current. When this
VCC minimum operating voltage is not met, the LTC4124
forces the charge current to drop to zero instantly, allow-
ing the VCC voltage to rise above this minimum operating
voltage and thus turn on the charger again.
This oscillatory behavior would result in intermittent
charging. The UVCL feature prevents this undesirable
behavior by gradually increasing or decreasing the charge
current as input power becomes more or less available.
Temperature Qualified Charging – NTC
The LTC4124 also includes an NTC pin, which provides
for temperature qualified charging when connected to a
100kΩ NTC (negative temperature coefficient) thermistor
thermally coupled to the battery. Comparators CP5 and
CP6 implement the temperature detection as shown in the
Functional Block Diagram.
The rising threshold of CP5 is set at 75% of VCC (cold
threshold) and the falling threshold of CP6 is set at 35%
of VCC (hot threshold). When the voltage at the NTC pin
is above 75% of VCC or below 35% of VCC, the LTC4124
pauses any charge cycle in progress. When the voltage
at the NTC pin returns within the range of 40% to 70% of
VCC, charging resumes.
When charging is paused, the charge current drops to
zero. If the LTC4124 is charging in constant voltage mode
and the charge termination timer is running, the timer
pauses until the thermistor indicates a return to a valid
temperature. Similarly, if the battery charger is in trickle
charge mode and the bad battery detection timer is run-
ning, the bad battery timer pauses until the thermistor
indicates a return to a valid temperature.
To disable the temperature qualified charging feature of
the LTC4124, the NTC pin can be left open or shorted to
the VCC pin. In this configuration, comparator CP4 ensures
that the output of the temperature detection comparators
CP5 and CP6 are ignored and no temperature fault will
be detected.
Charge Status Indicator
The status of the battery charger is indicated via the open
drain CHRG pin. This pin has an internal 300µA pull-down
current. An LED can be connected between this pin and
VCC to indicate the charging status and any fault condition
as indicated in Table 1 shown in the Pin Functions section.
Low Battery Disconnect
When no input power is available and the battery volt-
age falls below the disconnect voltage (VBAT_LBDIS), the
LTC4124 shuts down, opening disconnect switch M3
(Functional Block Diagram) and eliminating any current
consumption from the battery. This protects the battery
from discharging further and causing damage that will
reduce battery lifetime. When the battery is in disconnect
mode, normal functioning can only resume by applying
power to the ACIN or DCIN pin.
The disconnect voltage level can be selected via the LBSEL
pin according to Table  4 shown in the Pin Functions
section.
Ship Mode
The LTC4124 also provides a ship mode feature. When
activated, this feature eliminates any current consump-
tion from the battery at any battery voltage level. This
feature ensures that all battery powered devices using
the LTC4124 can be shipped out of the factory with a
charged battery (conditioned for optimal storage life or
fully charged) with the expectation that it is ready to be
used (minimal discharge) the first time it reaches the
end user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com