Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 6Page - Analog Devices LTC4124 Datasheet HTML 7Page - Analog Devices LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices LTC4124 Datasheet HTML 10Page - Analog Devices LTC4124 Datasheet HTML 11Page - Analog Devices LTC4124 Datasheet HTML 12Page - Analog Devices LTC4124 Datasheet HTML 13Page - Analog Devices LTC4124 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTC4124
10
Rev. A
For more information www.analog.com
OPERATION
When the voltage on the BAT pin approaches the final
charge voltage, the charger enters CV mode. The charge
current begins to drop and a 3-hour charge termination
timer starts. The charge current continues to drop while
the BAT pin voltage is maintained at the proper charge
voltage. Both CC and CV charging are indicated by a slow
blink (0.8Hz) at the CHRG pin.
In CV mode, when the charging current drops to 10%
of the full programmed charge current, the CHRG pin
stops blinking and assumes a pull-down state, but charg-
ing continues at a continuously decreasing low charge
current level. After the 3-hour charge termination time
expires, charging stops completely. To start a new charge
cycle, remove the power source at ACIN or DCIN and
reapply it.
Automatic Recharge
After charging has terminated and while still on the char-
ger, the LTC4124 draws only 3.5µA from the battery. If
it remains in this state for a long time (days for a typical
battery with capacity ≥ 10mAh), the battery voltage will
eventually drop enough due to this 3.5µA current and
due to its own self-discharge to fall below the recharge
threshold (VBAT_RECHG).
To ensure that the battery is always topped off, a new
charge cycle automatically begins when the battery volt-
age falls below VBAT_RECHG (typically 97.6% of the pro-
grammed charge voltage). In the event that the 3-hour
safety timer is still running when the battery voltage falls
below VBAT_RECHG, the timer resets back to zero.
Trickle Charging – PRECHG Pin
Some battery manufacturers recommend low current
pre-charging (trickle charge) for batteries that have been
deeply discharged. Tying the PRECHG pin to VCC enables
the LTC4124 trickle charge feature.
When enabled, the trickle charge feature reduces the deliv-
ered charge current in CC mode to 10% of the full pro-
grammed charge current if the battery voltage is below the
pre-charge battery voltage threshold (VBAT_TRKL is 68% of
programmed charge voltage). Figure 4 and Figure 5 show
a typical charging cycle with pre-charge enabled.
Figure 4.
TIME (HOURS)
0
120
100
60
20
80
40
0
2.5
1.5
3.5
4124 F04
4.0
4.5
2.0
1.0
3.0
0.5
120
100
60
20
80
40
0
CHARGE CURRENT
BATTERY VOLTAGE
Typical Charging Cycle at 0.5C Rate
vs Time with Pre-Charge Enabled
Figure 5.
BATTERY VOLTAGE (% OF FINAL CHARGE VOLTAGE)
50
100
90
60
20
80
40
0
70
30
50
10
100
80
4124 F05
110
90
70
60
Typical Charge Current vs Battery Voltage
in a Charging Cycle with Pre-Charge Enabled
Note that tying the PRECHG pin to GND disables the
LTC4124 trickle charge feature. When disabled, full
charge current is delivered to the battery in CC mode,
resulting in the typical charge cycle as shown in Figure 2
and Figure 3.
Bad Battery Fault
If during any charging cycle, the battery voltage stays
below the pre-charge VBAT_TRKL for longer than the bad
battery detection time (tBB), the battery is deemed faulty
and the CHRG pin indicates this bad battery fault condition
by blinking fast (6Hz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com