Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 14Page - Analog Devices LTC4124 Datasheet HTML 15Page - Analog Devices LTC4124 Datasheet HTML 16Page - Analog Devices LTC4124 Datasheet HTML 17Page - Analog Devices LTC4124 Datasheet HTML 18Page - Analog Devices LTC4124 Datasheet HTML 19Page - Analog Devices LTC4124 Datasheet HTML 20Page - Analog Devices LTC4124 Datasheet HTML 21Page - Analog Devices LTC4124 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LTC4124
18
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
DESIGN EXAMPLE 1: SINGLE TRANSISTOR TRANSMITTER
AND LTC4124 10mA CHARGER RECEIVER
The single transistor transmitter shown in Figure 13 is an
example of a DC/AC converter that can be used to drive
AC current into a transmit coil, LTX. NMOS switch M1 is
driven by a 50% duty cycle square wave generated by the
LTC6990 oscillator. During the first half of the cycle, M1 is
on and the current through LTX rises linearly. During the
second half of the cycle, M1 is off and the current through
LTX circulates through the LC tank formed by CTX and LTX.
The current through LTX is shown in Figure 14.
Figure 14.
500ns/DIV
200
50mA/DIV
0
–200
4124 F14
Current Through Transmit Coil
If the transmit LC tank frequency is set to 1.29 times the
driving frequency, switching losses in M1 are significantly
reduced due to zero voltage switching (ZVS). Figure 15
and Figure 16 illustrate the contrast in the switching wave-
forms when the tank frequency is set at different values.
Figure 15.
500ns/DIV
DRAIN VOLTAGE
5V/DIV
GATE VOLTAGE
5V/DIV
0
4124 F15
Voltage on the Drain and Gate
of NMOS M1 when fTX-TANK = fDRIVE
Figure 16.
500ns/DIV
DRAIN VOLTAGE
5V/DIV
GATE VOLTAGE
5V/DIV
0
4124 F16
Voltage on the Drain and Gate
of NMOS M1 when fTX-TANK = 1.29 • fDRIVE
Figure 13.
RNTCRX
100k
RSET
49.9k
LTC4124
4124 F13
VCC
VSEL2
LBSEL
CHRG
ACIN
NTC
BAT
DCIN
PRECHG
+
VSEL1 GND ISEL1
DIV GND SET
OUT
ISEL2
LRX
7.2µH
DRX
LTC6990
M1: INFINEON, BSS816NW
CTX: MURATA GRM155R71H182JA01D
LTX: WURTH, 760308103206
CRX: MURATA, GRM155R71H332JA01D
LRX: WURTH, 760308101216
DRX: KINGBRIGHT, APG0603VGC
RNTCRX: MURATA, NCP03WF104F
M1
VIN
5V
LTX
7.5µH
CTX
1.8nF
CRX
3.3nF
4.7µF
V+
OE
AIR GAP
0.5mm ±0.25mm
Single Transistor Transmitter and LTC4124 10mA Charger Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com