Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 1 Page - Analog Devices

  LTC4124 Datasheet HTML 1Page - Analog Devices LTC4124 Datasheet HTML 2Page - Analog Devices LTC4124 Datasheet HTML 3Page - Analog Devices LTC4124 Datasheet HTML 4Page - Analog Devices LTC4124 Datasheet HTML 5Page - Analog Devices LTC4124 Datasheet HTML 6Page - Analog Devices LTC4124 Datasheet HTML 7Page - Analog Devices LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC4124
1
Rev. A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
100mA Wireless Li-Ion Charger
with Low Battery Disconnect
The LTC®4124 is a simple high performance wireless
Li-Ion charger with low battery disconnect. The pin-
selectable charge current (up to 100mA) and charge
voltage ensure versatility while minimizing the number
of required external components.
Wireless charging with the LTC4124 allows devices to be
charged while sealed within enclosures and eliminates
bulky connectors in space-constrained applications.
Elimination of exposed conductive connectors also cre-
ates more robust devices while ensuring an effortless
end-user experience.
The LTC4124 includes an NTC input for safe temperature
qualified charging and a battery disconnect feature that
prevents damage to a battery due to over-discharging.
The 2mm × 2mm LQFN package and minimal number of
external components make the LTC4124 well-suited for
low power portable applications where small solution size
is mandatory.
APPLICATIONS
n
Complete Wireless Power Receiver, Li-Ion Charger
and PowerPath™ Controller
n
Wireless Input Power Control and Rectification
n
Wideband Wireless Power Frequency: DC to >10MHz
n
Pin-Selectable Charge Current:
10mA/25mA/50mA/100mA
n
Pin-Selectable Charge Voltage: 4.0V/4.1V/4.2V/4.35V
n
Pin-Selectable Low Battery Disconnect: 2.7V/3.2V
n
Zero Battery Drain Current in Disconnect/Ship Mode
n
Pin-Selectable Low Battery Pre-Charge Current Enable
n
NTC Input for Temperature Qualified Charging
n
Safety Charge Termination Timer
n
Tiny Total Solution Size with Few Externals
n
Small Thermally Enhanced 12-lead
2mm × 2mm LQFN Package
n
Medical Wireless Sensors
n
Military Wearables
n
High End Wireless Headsets
n
Streaming Headsets with Bluetooth Connectivity
n
Virtual Reality Headsets
n
High End Remote Control
n
IoT Devices
All registered trademarks and trademarks are the property of their respective owners.
TX
CIRCUIT
LTC4124
4124 TA01a
PRECHG
VSEL1
VCC
CHRG
ACIN
DCIN
VSEL2
LBSEL
ISEL1
ISEL2
GND
BAT
NTC
OUT
IOUT
IIN
+
100k
4.2V
AIR GAP
(OPTIONAL)
10mA Wireless 4.2V Li-Ion Charger with 1mA Pre-Charge
Conditioning and 2.7V Low Battery Disconnect
TO BAT
Top and Bottom View of the IC with
Complete Application Circuit Boards


Similar Part No. - LTC4124

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4124 AD-LTC4124 Datasheet
1Mb / 24P
Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
More results

Similar Description - LTC4124

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
logo
Linear Integrated Syste...
LTC4071 LINEAR-LTC4071 Datasheet
247Kb / 18P
Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
Linear Technology
LTC4071 LINER-LTC4071_15 Datasheet
247Kb / 18P
Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
ACE Technology Co., LTD...
ACE4056P ACE-ACE4056P Datasheet
773Kb / 9P
100mA, Single Li-ion Battery Charger
VER 1.1
logo
Monolithic Power System...
MPQ5411 MPS-MPQ5411 Datasheet
970Kb / 21P
100mA sync regulator with Li-ion battery charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com