Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 3 Page - Analog Devices

  LTC4124 Datasheet HTML 1Page - Analog Devices LTC4124 Datasheet HTML 2Page - Analog Devices LTC4124 Datasheet HTML 3Page - Analog Devices LTC4124 Datasheet HTML 4Page - Analog Devices LTC4124 Datasheet HTML 5Page - Analog Devices LTC4124 Datasheet HTML 6Page - Analog Devices LTC4124 Datasheet HTML 7Page - Analog Devices LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTC4124
3
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDCIN
DC Input Supply Operating Range
l
3.3
5.5
V
VCC
Supply Operating Range
l
2.7
5.5
V
IVCC
Input Quiescent Current
VCC = 5V, Not Charging
l
120
250
μA
IBAT
Battery Quiescent Current
Done Charging or Not Charging, VCC > VBAT l
3.5
7
µA
Ideal Diode Mode, ACIN = DCIN = 0V,
NTC = VCC or Open
l
8
8
15
80
µA
µA
Ideal Diode Mode, ACIN = DCIN = 0V,
NTC = 100kΩ to GND
l
28
28
35
100
µA
µA
Disconnect Mode, VBAT < VBAT_LBDIS,
ACIN = DCIN = VCC = 0V
l
0
50
nA
Ship Mode, at any VBAT Voltage Level,
ACIN = DCIN = VCC = 0V
l
0
50
nA
Wireless and DC Power Management
ΔVCC(HIGH)
VCC High Voltage Limit above VBAT
VCC Rising, VBAT = 3.6V
1.05
V
ΔVCC(LOW)
VCC Low Voltage Limit above VBAT
VCC Falling, VBAT = 3.6V
0.85
V
ACIN to VCC Voltage Drop
VACIN = 5V, VDCIN = 0V, IVCC = –100mA,
Not Charging
0.45
V
DCIN to VCC Voltage Drop
VDCIN = 5V, VACIN = 0V, IVCC = –100mA,
Not Charging
0.45
V
Battery Charging
VUVCL
VCC Undervoltage Current Limit Regulation
Point
ISEL1 = ISEL2 = VCC, ICHG = 1mA (10%)
3.4
V
VUVCL_TH
VCC Fault Indicator Threshold into UVCL
VCC Falling, VBAT = 3.0V
3.45
V
Hysteresis
VBAT = 3.0V
50
mV
RCHG
Charge Switch On Resistance
VBAT = 3.6V
0.5
Ω
VBAT_REG
Battery Charge Voltage
VSEL1 = VSEL2 = VCC
4.339
4.350
4.361
V
l
4.285
4.350
4.415
V
VSEL1 = VCC, VSEL2 = GND
4.190
4.200
4.210
V
l
4.137
4.200
4.263
V
VSEL1 = GND, VSEL2 = VCC
4.090
4.100
4.110
V
l
4.038
4.100
4.162
V
VSEL1 = VSEL2 = GND
3.990
4.000
4.010
V
l
3.940
4.000
4.060
V
VBAT_RECHG
Recharge Battery Threshold Voltage
VBAT Falling, % of VBAT_REG
l
96.0
97.6
98.6
%
Hysteresis
% of VBAT_REG
0.3
%
VBAT_TRKL
Precharge Battery Voltage Threshold
VBAT Rising, % of VBAT_REG
l
65
68
71
%
Hysteresis
% of VBAT_REG
1
%
ICHG
Charge Current in Constant Current Mode
ISEL1 = ISEL2 = VCC
l
95
100
103.5
mA
ISEL1 = VCC, ISEL2 = GND
l
45
50
53.5
mA
ISEL1 = GND, ISEL2 = VCC
l
22
25
27.5
mA
ISEL1 = ISEL2 = GND
l
8.5
10.0
11.5
mA
ICHG(PRE)
Precharge Current
VPRECHG = VCC, % of ICHG
l
6
10
14
%
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted (Notes 2, 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com