Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 4Page - Analog Devices LTC4124 Datasheet HTML 5Page - Analog Devices LTC4124 Datasheet HTML 6Page - Analog Devices LTC4124 Datasheet HTML 7Page - Analog Devices LTC4124 Datasheet HTML 8Page - Analog Devices LTC4124 Datasheet HTML 9Page - Analog Devices LTC4124 Datasheet HTML 10Page - Analog Devices LTC4124 Datasheet HTML 11Page - Analog Devices LTC4124 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTC4124
8
Rev. A
For more information www.analog.com
FUNCTIONAL BLOCK DIAGRAM
4124 BD
+
+
–
DISABLE
CP3
CP4
CP5
CP2
CP6
TEMP FAULT
100k
1%
TOO COLD
TOO HOT
CP7
CP8
BAT
PCHG REF
3.2V
2.7V
M1
M2
M3
C/10 REF
RECHRG REF
IDEAL
DIODE
CONTROL
CHARGE
VOLTAGE
REFERENCE
CHARGE
CURRENT
REFERENCE
UVCL-CC-CV
CHARGER
CONTROL
LOGIC
4.0V/4.1V/4.2V/4.35V
WIRELESS POWER MANAGER
10mA/25mA/50mA/100mA
CP1
BAT* + 1.05V
BAT* + 0.85V
*BAT ≥ 2.8V
CVCC
2.2µF
VCC
SW2
SW1
7
ISEL2
6
ISEL1
5
VSEL2
4
VSEL1
11
ACIN
12
1
DCIN
VCC
D2
D1
13
9
3
2
NTC
PRECHG
CHRG
BAT
8
10
LBSEL
GND
M4
300µA
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com