Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 19Page - Analog Devices LTC4124 Datasheet HTML 20Page - Analog Devices LTC4124 Datasheet HTML 21Page - Analog Devices LTC4124 Datasheet HTML 22Page - Analog Devices LTC4124 Datasheet HTML 23Page - Analog Devices LTC4124 Datasheet HTML 24Page - Analog Devices LTC4124 Datasheet HTML 25Page - Analog Devices LTC4124 Datasheet HTML 26Page - Analog Devices LTC4124 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LTC4124
23
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
4. Verify that at the minimum pulse width selected in
Step 3, the AC current through the transmit coil is well
within its rating and that there is no excessive heating
on the LTC4124 nor excessive negative voltage on the
ACIN pin of the LTC4124.
With the minimum pulse width determined in the pre-
vious step, place the receiver circuit at the best-case
coupling condition (In this particular example, the
best coupling condition is set to be 1.5mm separation
with the TX and RX coils placed in a concentric config-
uration.) with the battery pin set at 4.3V (zero charge
current→ lowest output power). Measure IL-TX(RMS),
ΔTLTC4124 and VACIN-MIN. With VPTH = 0.43V (from
the previous step) and VBAT = 4.3V, at the best-case
coupling condition and steady state, the measured
parameters are as follows:
IL-TX(RMS)  =  1.0A, ΔTLTC4124  =  32°C and
VACIN-MIN = –8.5V. The IL-TX(RMS) is well below the
2.5A max rated current for the transmit coil (see the
Wurth Elektonik 760308101104 data sheet for more
information). The temperature rise of 32°C and the
minimum negative voltage on the ACIN pin are well
within the rated operating condition for the LTC4124.
This result is verified using the alternative formula
provided in the Choosing Transmit Power Level
section. Using the suggested method, the coupling
value at the best coupling condition is 0.5. Using this
coupling value, the predicted value of the minimum
negative voltage developed on the ACIN is –8.5V.
Therefore, the predicted maximum VVCC – VACIN is
14V as verified empirically.
5. Determine the values of RPTHM1 and RPTHM2 based
on the minimum pulse width of the transmitter driver
obtained in Step 3.
Set RPTHM1 = 100kΩ. RPTHM2 can be obtained using
the following formula:
RPTHM2 =
32 • VPTHM
2.4
⎢
⎣⎢
⎥
⎦⎥
+ 0.5
32 –
32 • VPTHM
2.4
⎢
⎣⎢
⎥
⎦⎥
+ 0.5
⎛
⎝⎜
⎞
⎠⎟
•RPTHM1
= 20.8kΩ
≈ 21kΩ (standard 1% resistor value)
Note the quantity in the floor function brackets should
be rounded down to the nearest integer.
6. Determine the values of RIS, RIN, RIMON and CIMON for
load detection at best coupling with minimum load.
With the same setup used in Step 4 and VBAT = 4.3V,
the input current to the transmit board is measured
as IIN = 240mA (ITH). With the voltage drop across
the sense resistor RIS set to about 40mV, calculate
RIS according to the following formula:
RIS =
40mV
IIN
=
40mV
240mA
= 167mΩ
≈ 180mΩ (standard 1% sense resistor value)
RIN is set to be 374Ω such that with 40mV across RIS,
the IMON pin will source 107µA. This source current
biases DIMON to generate 1V at the IMON pin for load
detection. CIMON is set to be 10nF to provide some
filtering on the IMON pin voltage, and RIMON is set to
100kΩ to discharge CIMON when the source current
on the IMON pin is not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com