Electronic Components Datasheet Search
  English  ▼

X  

LTC4124 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4124
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4124 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4124 Datasheet HTML 18Page - Analog Devices LTC4124 Datasheet HTML 19Page - Analog Devices LTC4124 Datasheet HTML 20Page - Analog Devices LTC4124 Datasheet HTML 21Page - Analog Devices LTC4124 Datasheet HTML 22Page - Analog Devices LTC4124 Datasheet HTML 23Page - Analog Devices LTC4124 Datasheet HTML 24Page - Analog Devices LTC4124 Datasheet HTML 25Page - Analog Devices LTC4124 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LTC4124
22
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
The LTC4125 also features the ability to sense the load at
the receiver which allows it to go to a low power operating
state in the absence of a receiver. Furthermore, it has a for-
eign object detection feature which prevents inadvertent
wireless transmission of power to a conductive foreign
object. Refer to the LTC4125 data sheet for more details
on the LTC4125 operation and applications.
The steps needed to determine each of the component val-
ues for the circuit shown in Figure 18 are reviewed here:
1. Determine the receiver resonant frequency and set
component values for the receiver LC tank:
Similar to the first design example, the resonant fre-
quency should be selected such that it is at least a
factor of 5 below the self-resonant frequency of the
coils and within the capability of the transmitter driver
circuit. In this example, the self-resonant frequency
of the RX coil is 19MHz and of the TX coil is 20MHz.
So a factor 5 below 19MHz is 3.8MHz.
The LTC4125 transmitter IC has a maximum switch-
ing frequency of 320kHz. It is best practice to select
a resonant frequency that yields a low component
count on the receiver to ensure the smallest footprint.
In this example, 240kHz is selected as the receiver
resonant frequency. At 240kHz, the tank capacitance
(CRX) required with the selected receive coil (13μH)
is 33nF.
Following the guidance on selecting the resonant
capacitor, in this particular example a 33nF capacitor
with a 50V voltage rating and a small 0402 footprint
is chosen.
2. Set the transmitter LC tank component values to
match the receiver resonant frequency.
The transmit LC tank frequency (fTX-TANK) is also set
at 240kHz. The transmit coil (LTX) used in the example
is 6.5μH. The value of transmit tank capacitance (CTX)
can be calculated:
CTX =
1
4 • π2 • f 2TX−TANK • LTX
= 66nF
The recommended rating for CTX capacitors in this
particular example is 100V with 5% (or better)
tolerance.
3. Determine the minimum pulse width of the transmit-
ter driver required to deliver the required power at the
receiver under the worst-case coupling conditions
with maximum load.
With LRX, CRX, LTX and CTX as determined above,
place the receiver circuit in the worst-case coupling
condition (largest gap between the TX and RX coils)
with the battery at 4.1V (highest battery voltage in
CC mode → highest output power). In this particular
example, the worst-case coupling condition is set to
be a 5.5mm separation with the two coils placed in a
concentric configuration. Measure IIN and IBAT while
varying the DC voltage on the PTH pins (VPTH) of the
transmitter. Figure 21 shows the plot of these mea-
surements for this particular example.
Figure 21.
VPTH@TX (V)
0
480
320
400
160
240
80
0
120
80
100
40
60
20
0
0.15
0.45
0.05
0.25
4124 F21
0.50
0.35 0.40
0.10
0.30
0.20
5.5mm SEPARATION
AND CONCENTRIC
IBAT
IVIN
IIN and IBAT vs VPTH
From Figure 21, the minimum voltage required at
VPTH (VPTHM)for the receiver to have the full charge
current is 0.43V. This corresponds to 13% duty cycle
at the driving voltage across the switch pins of the
transmitter circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com