Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 128 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 128 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 124Page - Dallas Semiconductor DS3172 Datasheet HTML 125Page - Dallas Semiconductor DS3172 Datasheet HTML 126Page - Dallas Semiconductor DS3172 Datasheet HTML 127Page - Dallas Semiconductor DS3172 Datasheet HTML 128Page - Dallas Semiconductor DS3172 Datasheet HTML 129Page - Dallas Semiconductor DS3172 Datasheet HTML 130Page - Dallas Semiconductor DS3172 Datasheet HTML 131Page - Dallas Semiconductor DS3172 Datasheet HTML 132Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
128 of 231
Register Name:
GL.CR1
Register Description:
Global Control Register 1
Register Address:
002h
Bit #
15
14
13
12
11
10
9
8
Name
GWRM
INTM
RESERVED
--
RESERVED
RESERVED
RESERVED
RESERVED
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
TMEI
MEIMS
GPM1
GPM0
PMU
LSBCRE
RSTDP
RST
Default
0
0
0
0
0
0
1
0
Bit 15: Global Write Mode (GWRM) This bit enables the global write mode. When this bit is set, a write to the
register of any port will write to the same register in all the ports. Reading the registers of any port is not supported
and will read back undefined data.
0 = Normal write mode
1 = Global write mode
Bit 14:
INT pin mode (INTM) This bit determines the inactive mode of the INT pin. The INT pin always drives low
when active.
0 = Pin is high impedance when not active
1 = Pin drives high when not active
Bit 7: Transmit Manual Error Insert (TMEI) This bit is used insert an error in all ports configured for global error
insertion. An error(s) is inserted at the next opportunity when this bit transitions from low to high. The
GL.CR1.MEIMS bit must be clear for this bit to operate.
Bit 6: Transmit Manual Error Insert Select (MEIMS) This bit is used to select the source of the global manual
error insertion signal
0 = Global error insertion using TMEI bit
1 = Global error insertion using the GPIO6 pin
Bits 5 and 4: Global Performance Monitor Update Mode (GPM[1:0]) These bits select the global performance
monitor register update mode.
00 = Global PM update using the PMU bit
01 = Global PM update using the GPIO8 pin
1x = One second PM update using the internal one second counter
Bit 3: Global Performance Monitor Update Register (PMU) This bit is used to update all of the performance
monitor registers configured to use this bit. When this bit is toggled from low to high the performance registers
configured to use this signal will be updated with the latest count value from the counters, and the counters will be
reset. The bit should remain high until the performance register update status bit (GL.SR.PMS) goes high, then it
should be brought back low which clears the PMS status bit.
Bit 2: Latched Status Bit Clear on Read Enable (LSBCRE). This signal determines when latched status register
bits are cleared.
0 = Latched status register bits are cleared on a write
1 = Latched status register bits are cleared on a read
Bit 1: Reset Data Path (RSTDP). When this bit is set, it will force all of the internal data path registers in all ports
to their default state. This bit must be set high for a minimum of 100ns. See the Reset and Power-Down section in
Section 10.3. Note: The default state is a 1 (after a general reset, this bit will be set to one).
0 = Normal operation
1 = Force all data path registers to their default values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com