Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 218 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 218 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 214Page - Dallas Semiconductor DS3172 Datasheet HTML 215Page - Dallas Semiconductor DS3172 Datasheet HTML 216Page - Dallas Semiconductor DS3172 Datasheet HTML 217Page - Dallas Semiconductor DS3172 Datasheet HTML 218Page - Dallas Semiconductor DS3172 Datasheet HTML 219Page - Dallas Semiconductor DS3172 Datasheet HTML 220Page - Dallas Semiconductor DS3172 Datasheet HTML 221Page - Dallas Semiconductor DS3172 Datasheet HTML 222Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
218 of 232
17 DC ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Input, Bidirectional or Open Drain
Output Lead with Respect to VSS…..………………………………………………………………………..-0.3V to +5.5V
Supply Voltage (VDD) Range with Respect to VSS…..……………………………………………………...-0.3V to +3.63V
Ambient Operating Temperature Range……………………………………………………………………..-40°C to +85°C
Junction Operating Temperature Range……………………………………………………………………-40°C to +125°C
Storage Temperature Range………………………………………………………………………………...-55°C to +125°C
Soldering Temperature..…………………………………………………………….See IPC/JEDEC J-STD-020 Standard
These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time can affect device
reliability. Ambient Operating Temperature Range is assuming the device is mounted on a JEDEC standard test board in a convection cooled
JEDEC test enclosure.
Note: The typical values listed below are not production tested.
Table 17-1. Recommended DC Operating Conditions
(VDD = 3.3V
±5%, Tj = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic 1
VIH
2.0
5.5
V
Logic 0
VIL
-0.3
+0.8
V
Supply (VDD) ±5%
VDD
3.135
3.300
3.465
V
Table 17-2. DC Electrical Characteristics
(Tj = -40°C to +85°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current (VDD = 3.465V)
DS3174
IDD
Notes 1, 2
500
725
mA
Power-Down Current (All DISABLE
Bits Set) for DS3174
IDDD
Notes 2
60
mA
Lead Capacitance
CIO
7
pF
Input Leakage
IIL
-10
+10
mA
Input Leakage (Inputs Pins with
Internal Pullup Resistors)
IILP
-350
+10
mA
Output Leakage (when HiZ)
ILO
-10
+10
mA
Output Voltage (IOH = -4.0mA)
VOH
4mA outputs
2.4
V
Output Voltage (IOL = +4.0mA)
VOL
4mA outputs
0.4
V
Output Voltage (IOH = -8.0mA)
VOH
8mA outputs
2.4
V
Output Voltage (IOL = +8.0mA)
VOL
8mA outputs
0.4
V
Note 1: Mode DS3 line rate for typical and maximum power.
Note 2: All outputs loaded with rated capacitance; all inputs between VDD and VSS; inputs with pullups connected to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com