Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 217 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 217 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 213Page - Dallas Semiconductor DS3172 Datasheet HTML 214Page - Dallas Semiconductor DS3172 Datasheet HTML 215Page - Dallas Semiconductor DS3172 Datasheet HTML 216Page - Dallas Semiconductor DS3172 Datasheet HTML 217Page - Dallas Semiconductor DS3172 Datasheet HTML 218Page - Dallas Semiconductor DS3172 Datasheet HTML 219Page - Dallas Semiconductor DS3172 Datasheet HTML 220Page - Dallas Semiconductor DS3172 Datasheet HTML 221Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
217 of 232
16 PACKAGE THERMAL INFORMATION
The 36 thermal VSS balls in the center 6X6 matrix must be thermally and electrically connected to the
internal GND plane of the PC board to achieve these thermal characteristics.
PARAMETER
VALUE
Target Ambient Temperature Range
-40°C to +85°C
Die Junction Temperature Range
-40 to +125
°C
Theta-JA, Still Air
12.6
°C/W (Note 1)
Note 1:
Theta-JA is based on the package mounted on a 4-layer JEDEC board
and measured in a JEDEC test chamber.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com