Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 216 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 216 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 212Page - Advanced Micro Devices SC3200 Datasheet HTML 213Page - Advanced Micro Devices SC3200 Datasheet HTML 214Page - Advanced Micro Devices SC3200 Datasheet HTML 215Page - Advanced Micro Devices SC3200 Datasheet HTML 216Page - Advanced Micro Devices SC3200 Datasheet HTML 217Page - Advanced Micro Devices SC3200 Datasheet HTML 218Page - Advanced Micro Devices SC3200 Datasheet HTML 219Page - Advanced Micro Devices SC3200 Datasheet HTML 220Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 447 page
background image
216
AMD Geode™ SC3200 Processor Data Book
Core Logic Module - Bridge, GPIO, and LPC Registers - Function 0
Revision 5.1
Index 60h-63h
ACPI Control Register (R/W)
Reset Value: 00000000h
31:8
Reserved. Must be set to 0.
7
SUSP_3V Shut Down PLL5. Allow internal SUSP_3V to shut down PLL5.
0: Clock generator is stopped when internal SUSP_3V is active.
1:
Clock generator continues working when internal SUSP_3V is active.
6
SUSP_3V Shut Down PLL4. Allow internal SUSP_3V to shut down PLL4
0: Clock generator is stopped when internal SUSP_3V is active.
1:
Clock generator continues working when internal SUSP_3V is active.
5
SUSP_3V Shut Down PLL3. Allow internal SUSP_3V to shut down PLL3.
0: Clock generator is stopped when internal SUSP_3V is active.
1:
Clock generator continues working when internal SUSP_3V is active.
4
SUSP_3V Shut Down PLL2. Allow internal SUSP_3V to shut down PLL2.
0: Clock generator is stopped when internal SUSP_3V is active.
1:
Clock generator continues working when internal SUSP_3V is active.
3
SUSP_3V Shut Down PLL6. Allow internal SUSP_3V to shut down PLL6.
0: Clock generator is stopped when internal SUSP_3V is active.
1:
Clock generator continues working when internal SUSP_3V is active.
2
ACPI C3 SUSP_3V Enable. Allow internal SUSP_3V to be active during C3 state.
0: Disable.
1: Enable.
1
ACPI SL1 SUSP_3V Enable. Allow internal SUSP_3V to be active during SL1 sleep state.
0: Disable.
1: Enable.
0
ACPI C3 Support Enable. Allow support of C3 states.
0: Disable.
1: Enable.
Index 64h-6Bh
Reserved
Reset Value: 00h
Index 6Ch-6Fh
ROM Mask Register (R/W)
Reset Value: 0000FFF0h
Note:
Register must be read/written as a DWORD.
31:16
Reserved. Must be written to 0.
15:8
Reserved. Must be written to FFh.
7:4
ROM Size. If F0 Index 52h[2] = 1:
0000: 16 MB = FF000000h-FFFFFFFFh
1000: 8 MB = FF800000h-FFFFFFFFh
1100: 4 MB = FFC00000h-FFFFFFFFh
1110: 2 MB = FFE00000h-FFFFFFFFh
1111: 1 MB = FFF00000h-FFFFFFFFh
All other settings for these bits are reserved.
3:0
Reserved. Must be set to 0.
Table 6-29. F0: PCI Header/Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com